Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM81C55-5JS Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM81C55-5JS
Description  2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM81C55-5JS Datasheet(HTML) 4 Page - OKI electronic componets

  MSM81C55-5JS Datasheet HTML 1Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 2Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 3Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 4Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 5Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 6Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 7Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 8Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/19
¡ Semiconductor
MSM81C55-5RS/GS/JS
AC CHARACTERISTICS
Parameter
Symbol
Unit
Remarks
Max.
Min.
VCC = 4.75 V to 5.25 V,
Ta = –40 to +70°C
80C85AH 5MHz I/F
Max.
Min.
VCC = 4.5 V to 5.5 V,
Ta = –40 to +80°C
80C85AH 3MHz I/F
Address/latch Setup Time
tAL
ns
Latch/address Holt Time
tLA
ns
37
—
30
—
50
—
30
—
Read/output Delay Time
Latch/read (write) Delay Time
tLC
ns
40
—
100
—
Address/output Delay Time
tRD
ns
—
140
—
170
Latch Width
tAD
ns
—
330
—
400
Read/data Bus Floating Time
tLL
tRDF
ns
70
—
100
—
Read (write)/latch Delay Time
tCL
ns
080
0
100
Read (write) Width
tCC
ns
20
—
20
—
Data In/write Setup Time
tDW
ns
200
—
250
—
Write/data-in Hold Time
tWD
ns
100
—
150
—
Recovery Time
tRV
ns
25
—
0
—
Write/port Output Delay Time
tWP
ns
200
—
300
—
tPR
ns
—
300
—
400
Port Input/read Setup Time
Load capaci-
tance: 150 pF
tRP
ns
Read/port Input Hold Time
tSBF
ns
50
—
10
—
70
—
50
—
Strobe Width
Strobe/buffer Full Delay Time
tSS
ns
—
300
—
400
Strobe/buffer Empty Delay Time
tRBE
ns
150
—
200
—
Strobe/interrupt-on Delay Time
tSI
ns
—
300
—
400
tRDI
ns
—
300
—
400
Read/interrupt-off Delay Time
Port Input/strobe Setup Time
tPSS
ns
—
300
—
400
Strobe/port-input Hold Time
tPHS
ns
20
—
50
—
Strobe/buffer-empty Delay Time
tSBE
ns
100
—
120
—
Write/buffer-full Delay Time
tWBF
ns
—
300
—
400
tWI
ns
—
300
—
400
Write/interrupt-off Delay Time
ns
Time Output Delay Time Low
tTL
ns
—
300
—
400
Time Output Delay Time High
tTH
ns
—
300
—
400
tRDE
ns
—
300
—
400
Read/data Buse Enable Delay Time
Timer Cycle Time
tCYC
ns
10
—
10
—
tr, tf
ns
320
—
320
—
Timer Input Rise and Fall Times
Timer Input Low Level Time
t1
ns
—80
—
80
t2
ns
40
—
80
—
Timer Input High Level Time
WRITE to TIMER-IN
for writes which start counting
tWT
ns
70
—
120
—
tTW
ns
200
—
200
—
TIMER-IN to WRITE
for writes which start counting
ns
0—
0
—
Note: Timings are measured wth VL = 0.8 V and VH = 2.2 V for both input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com