Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM81C55-5JS Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM81C55-5JS
Description  2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM81C55-5JS Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM81C55-5JS Datasheet HTML 8Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 9Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 10Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 11Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 12Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 13Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 14Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 15Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
¡ Semiconductor
MSM81C55-5RS/GS/JS
(2) Reading the C/S Register
The I/O and timer status can be accessed by reading the contents of the Status register
located at I/O address xxxxx000. The status word format is shown below:
(3) PA and PB Registers
These registers may be used as either input or output ports depending on the programmed
contents of the C/S register. They may also be used either in the basic mode or in the strobe
mode.
I/O address of the PA register: xxxxx001
I/O address of the PB register: xxxxx010
(4) PC Register
The PC register may be used as an input port, output port or control register depending on
the programmed contents of the C/S register. The I/O address of the PC register is
xxxxx011.
(5) Timer
The timer is a 14-bit down counter which counts TIMER IN pulses.
The low order byte of the timer register has an I/O address of xxxxx100, and the high order
byte of the register has an I/O address of xxxxx101.
The count length register (CLR) may be preset with two bytes of data. Bits 0 through 13 are
assigned to the count length and bits 14 and 15 specify the timer output mode. A read
operation of the CLR reads the contents of the counter and the pertinent output mode. The
initial value range which can initially be loaded into the counter is 2 through 3FFF hex. Bit
assignments to the timer counter and possible output modes are shown in the following.
INTR
A
Port A Interrupt Request
AD0
A
BF
Port A Buffer Full
AD1
INTE
A
AD2
INTR
B
AD3
B
BF
AD4
INTE
B
AD5
TIMER
AD6
AD7
Port A Interrupt Enable
Port B Interrupt Request
Port B Buffer Full
Port B Interrupt Enable
Timer Interrupt. This bit is set high when the timer
reaches TC, and is reset when the C/S register is read
or a hardware reset occurs.
M2
M1
T13
T12
T11
T10
T9
T8
Output Mode
High Order 6 Bits of Count Length
T7
T6
T5
T4
T3
T2
T1
T0
Low Order Byte of Count Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com