Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM81C55-5JS Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM81C55-5JS
Description  2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM81C55-5JS Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM81C55-5JS Datasheet HTML 4Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 5Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 6Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 7Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 8Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 9Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 10Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 11Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8/19
¡ Semiconductor
MSM81C55-5RS/GS/JS
Timer Waveforms 2
RAM DATA HOLD CHARACTERISTICS AT LOW SUPPLY VOLTAGE
WR
tTW
tWT
TIMER IN
Timer - Start
5 V
tSU
tR
tLA
tAL
4.5 V
VCCH
ALE
0.8 V
0 V
2.2 V
CE
VCCH
Standby Mode
VCC
Two ways to place device in standby mode:
(1) Method using CE
Min.
Typ.
Data Holding Supply Voltage
VCCH
2.0
—
V
Data Holding Supply Current
ICCH
VIN = 0 V or VCC, ALE = 0 V
VCC = VCCH, ALE = 0
VIN = 0 V or VCC
—
0.05
mA
Specification
Item
Unit
Symbol
Condition
Setup Time
tSU
30
—
ns
Hold Time
tR
20
—
Max.
—
20
—
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com