Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM81C55-5JS Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM81C55-5JS
Description  2048-Bit CMOS STATIC RAM WITH I/O PORTS AND TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM81C55-5JS Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM81C55-5JS Datasheet HTML 10Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 11Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 12Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 13Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 14Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 15Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 16Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 17Page - OKI electronic componets MSM81C55-5JS Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14/19
¡ Semiconductor
MSM81C55-5RS/GS/JS
(6) Standby Mode (see page 7)
The MSM81C55-5 is placed in standby mode when the high level at the CE input is latched
during the negative going edge of ALE. All input ports and the timer input should be pulled
up or down to either VCC or GND potential.
When using battery back-up, all ports should be set low or in input port mode. The timer
output should be set low. Otherwise, a buffer should be added to the timer output and the
battery should be connected to the power supply pins of the buffer.
By setting the reset input to a high level, the standby mode can be selected. In this case, the
command register is reset, so the ports automatically set to the input mode and the timer
stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com