Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1306Z Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Solomon Systech
Apr 2008 P 18/59
Rev 1.1
SSD1306
Figure 8-5 : Write procedure in 4-wire Serial interface mode
8.1.4
MCU Serial Interface (3-wire SPI)
The 3-wire serial interface consists of serial clock SCLK, serial data SDIN and CS#.
In 3-wire SPI mode, D0 acts as SCLK, D1 acts as SDIN. For the unused data pins, D2 should be left open.
The pins from D3 to D7, R/W# (WR#)#, E and D/C# can be connected to an external ground.
The operation is similar to 4-wire serial interface while D/C# pin is not used. There are altogether 9-bits will
be shifted into the shift register on every ninth clock in sequence: D/C# bit, D7 to D0 bit. The D/C# bit (first
bit of the sequential data) will determine the following data byte in the shift register is written to the Display
Data RAM (D/C# bit = 1) or the command register (D/C# bit = 0). Under serial mode, only write operations
are allowed.
Table 8-5 : Control pins of 3-wire Serial interface
Function
E(RD#)
R/W#(WR#)
CS#
D/C#
D0
Write command Tie LOW
Tie LOW
L
Tie LOW
↑
Write data
Tie LOW
Tie LOW
L
Tie LOW
↑
Note
(1) L stands for LOW in signal
Figure 8-6 : Write procedure in 3-wire Serial interface mode
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
(D0)
SDIN(D1)
DB1
DB2
DBn
CS#
D/C#
SDIN/
SCLK
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
(D0)
SDIN(D1)
DB1
DB2
DBn
CS#
D/C#
SDIN/
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com