Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1306Z Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Solomon Systech
Apr 2008 P 36/59
Rev 1.1
SSD1306
10.1.5 Set Page Address (22h)
This triple byte command specifies page start address and end address of the display data RAM. This
command also sets the page address pointer to page start address. This pointer is used to define the current
read/write page address in graphic display data RAM. If vertical address increment mode is enabled by
command 20h, after finishing read/write one page data, it is incremented automatically to the next page
address. Whenever the page address pointer finishes accessing the end page address, it is reset back to start
page address.
The figure below shows the way of column and page address pointer movement through the example: column
start address is set to 2 and column end address is set to 125, page start address is set to 1 and page end
address is set to 6; Horizontal address increment mode is enabled by command 20h. In this case, the graphic
display data RAM column accessible range is from column 2 to column 125 and from page 1 to page 6 only.
In addition, the column address pointer is set to 2 and page address pointer is set to 1. After finishing
read/write one pixel of data, the column address is increased automatically by 1 to access the next RAM
location for next read/write operation (solid line in Figure 10-5). Whenever the column address pointer
finishes accessing the end column 125, it is reset back to column 2 and page address is automatically
increased by 1 (solid line in Figure 10-5). While the end page 6 and end column 125 RAM location is
accessed, the page address is reset back to 1 and the column address is reset back to 2 (dotted line in Figure
10-5). .
Figure 10-5 : Example of Column and Row Address Pointer Movement
Col 0
Col 1
Col 2
…..
……. Col 125 Col 126 Col 127
PAGE0
PAGE1
:
:
PAGE6
PAGE7
:
10.1.6 Set Display Start Line (40h~7Fh)
This command sets the Display Start Line register to determine starting address of display RAM, by selecting
a value from 0 to 63. With value equal to 0, RAM row 0 is mapped to COM0. With value equal to 1, RAM
row 1 is mapped to COM0 and so on.
Refer to Table 10-1 for more illustrations.
10.1.7 Set Contrast Control for BANK0 (81h)
This command sets the Contrast Setting of the display. The chip has 256 contrast steps from 00h to FFh. The
segment output current increases as the contrast step value increases.
10.1.8
Set Segment Re-map (A0h/A1h)
This command changes the mapping between the display data column address and the segment driver. It
allows flexibility in OLED module design. Please refer to Table 9-1.
This command only affects subsequent data input. Data already stored in GDDRAM will have no changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com