Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1306Z Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Solomon Systech
Apr 2008 P 20/59
Rev 1.1
SSD1306
8.1.5.1 I
2C-bus Write data
The I2C-bus interface gives access to write data and command into the device. Please refer to Figure 8-7 for
the write mode of I2C-bus in chronological order.
Figure 8-7 : I
2C-bus data format
8.1.5.2 Write mode for I
2C
1) The master device initiates the data communication by a start condition. The definition of the start
condition is shown in Figure 8-8. The start condition is established by pulling the SDA from HIGH to
LOW while the SCL stays HIGH.
2) The slave address is following the start condition for recognition use. For the SSD1306, the slave
address is either “b0111100” or “b0111101” by changing the SA0 to LOW or HIGH (D/C pin acts as
SA0).
3) The write mode is established by setting the R/W# bit to logic “0”.
4) An acknowledgement signal will be generated after receiving one byte of data, including the slave
address and the R/W# bit. Please refer to the Figure 8-9 for the graphical representation of the
acknowledge signal. The acknowledge bit is defined as the SDA line is pulled down during the HIGH
period of the acknowledgement related clock pulse.
5) After the transmission of the slave address, either the control byte or the data byte may be sent across
the SDA. A control byte mainly consists of Co and D/C# bits following by six “0” ‘s.
a. If the Co bit is set as logic “0”, the transmission of the following information will contain
data bytes only.
b. The D/C# bit determines the next data byte is acted as a command or a data. If the D/C# bit is
set to logic “0”, it defines the following data byte as a command. If the D/C# bit is set to
logic “1”, it defines the following data byte as a data which will be stored at the GDDRAM.
The GDDRAM column address pointer will be increased by one automatically after each
data write.
6) Acknowledge bit will be generated after receiving each control byte or data byte.
7) The write mode will be finished when a stop condition is applied. The stop condition is also defined
in Figure 8-8. The stop condition is established by pulling the “SDA in” from LOW to HIGH while
the “SCL” stays HIGH.
01 111
Slave Address
m ≥ 0 words
n ≥ 0 bytes
MSB ……………….LSB
1 byte
Write mode
SSD1306
Slave Address
Control byte
Data byte
Control byte
Data byte
0 1 1 1 1 0
Control byte
Note:
Co – Continuation bit
D/C# – Data / Command Selection bit
ACK – Acknowledgement
SA0 – Slave address bit
R/W# – Read / Write Selection bit
S – Start Condition / P – Stop Condition
0 0 0 0 0 0
0 1 1 1 1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com