Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1306Z Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
SSD1306
Rev 1.1
P 35/59
Apr 2008
Solomon Systech
Horizontal addressing mode (A[1:0]=00b)
In horizontal addressing mode, after the display RAM is read/written, the column address pointer is increased
automatically by 1. If the column address pointer reaches column end address, the column address pointer is
reset to column start address and page address pointer is increased by 1. The sequence of movement of the
page and column address point for horizontal addressing mode is shown in Figure 10-3. When both column
and page address pointers reach the end address, the pointers are reset to column start address and page start
address (Dotted line in Figure 10-3.)
Figure 10-3 : Address Pointer Movement of Horizontal addressing mode
COL0
COL 1
…..
COL 126 COL 127
PAGE0
PAGE1
:
:
:
:
:
:
PAGE6
PAGE7
Vertical addressing mode: (A[1:0]=01b)
In vertical addressing mode, after the display RAM is read/written, the page address pointer is increased
automatically by 1. If the page address pointer reaches the page end address, the page address pointer is reset
to page start address and column address pointer is increased by 1. The sequence of movement of the page
and column address point for vertical addressing mode is shown in Figure 10-4. When both column and page
address pointers reach the end address, the pointers are reset to column start address and page start address
(Dotted line in Figure 10-4.)
Figure 10-4 : Address Pointer Movement of Vertical addressing mode
COL0
COL 1
…..
COL 126 COL 127
PAGE0
…..
PAGE1
…..
:
:
PAGE6
…..
PAGE7
…..
In normal display data RAM read or write and horizontal / vertical addressing mode, the following steps are
required to define the RAM access pointer location:
• Set the column start and end address of the target display location by command 21h.
• Set the page start and end address of the target display location by command 22h.
Example is shown in Figure 10-5.
10.1.4 Set Column Address (21h)
This triple byte command specifies column start address and end address of the display data RAM. This
command also sets the column address pointer to column start address. This pointer is used to define the
current read/write column address in graphic display data RAM. If horizontal address increment mode is
enabled by command 20h, after finishing read/write one column data, it is incremented automatically to the
next column address. Whenever the column address pointer finishes accessing the end column address, it is
reset back to start column address and the row address is incremented to the next row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com