Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1306Z Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
SSD1306
Rev 1.1
P 31/59
Apr 2008
Solomon Systech
3. Addressing Setting Command Table
D/C# Hex
D7
D6
D5
D4
D3
D2
D1
D0
Command
Description
0
22
0
0
1
0
0
0
1
0
0
A[2:0]
*
*
*
*
*
A2
A1
A0
0
B[2:0]
*
*
*
*
*
B2
B1
B0
Set Page Address
Setup page start and end address
A[2:0] : Page start Address, range : 0-7d,
(RESET = 0d)
B[2:0] : Page end Address, range : 0-7d,
(RESET = 7d)
Note
(1) This command is only for horizontal or vertical
addressing mode.
0
B0~B7
1
0
1
1
0
X2
X1
X0 Set Page Start
Address for Page
Addressing Mode
Set GDDRAM Page Start Address
(PAGE0~PAGE7) for Page Addressing Mode
using X[2:0].
Note
(1) This command is only for page addressing mode
4. Hardware Configuration (Panel resolution & layout related) Command Table
D/C# Hex
D7
D6
D5
D4
D3
D2
D1
D0
Command
Description
0
40~7F
0
1
X5
X4
X3
X2
X1
X0 Set Display Start LineSet display RAM display start line register from
0-63 using X5X3X2X1X0.
Display start line register is reset to 000000b
during RESET.
0
A0/A1
1
0
1
0
0
0
0
X0 Set Segment Re-map A0h, X[0]=0b: column address 0 is mapped to
SEG0 (RESET)
A1h, X[0]=1b: column address 127 is mapped to
SEG0
0
A8
1
0
1
0
1
0
0
0
0
A[5:0]
*
*
A5
A4
A3
A2
A1
A0
Set Multiplex Ratio Set MUX ratio to N+1 MUX
N=A[5:0] : from 16MUX to 64MUX, RESET=
111111b (i.e. 63d, 64MUX)
A[5:0] from 0 to 14 are invalid entry.
0
C0/C8
1
1
0
0
X3
0
0
0
Set COM Output
Scan Direction
C0h, X[3]=0b: normal mode (RESET) Scan from
COM0 to COM[N –1]
C8h, X[3]=1b: remapped mode. Scan from
COM[N-1] to COM0
Where N is the Multiplex ratio.
0
D3
1
1
0
1
0
0
1
1
0
A[5:0]
*
*
A5
A4
A3
A2
A1
A0
Set Display Offset
Set vertical shift by COM from 0d~63d
The value is reset to 00h after RESET.
0
DA
1
1
0
1
1
0
1
0
0
A[5:4]
0
0
A5
A4
0
0
1
0
Set COM Pins
Hardware
Configuration
A[4]=0b, Sequential COM pin configuration
A[4]=1b(RESET), Alternative COM pin
configuration
A[5]=0b(RESET), Disable COM Left/Right
remap
A[5]=1b, Enable COM Left/Right remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com