Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX2 Datasheet(PDF) 8 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 8 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 4Page - ams AG TDC-GPX2 Datasheet HTML 5Page - ams AG TDC-GPX2 Datasheet HTML 6Page - ams AG TDC-GPX2 Datasheet HTML 7Page - ams AG TDC-GPX2 Datasheet HTML 8Page - ams AG TDC-GPX2 Datasheet HTML 9Page - ams AG TDC-GPX2 Datasheet HTML 10Page - ams AG TDC-GPX2 Datasheet HTML 11Page - ams AG TDC-GPX2 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-03] 2017-Dec-18
TDC-GPX2 − Recommended Operation Conditions
Recommended operating ratings indicate conditions for which
the device is functional, but do not guarantee specific
performance limits. Test conditions for guaranteed
specification are expressly denoted.
Figure 7:
Recommended Operating Conditions
Symbol
Pin
Description
Min
Typ
Max
Unit
Power-Supply
VDD33
DVDD33, TVDD33,
RVDD33
Supply Voltage
2.4
3.3
3.6
V
VDD18
DVDD18, TVDD18,
CVDD18
Core Supply Voltage powered by
integrated regulator, pins
DVDD18O, TVDD18O, CVDD18O
1.7
1.8
1.9
V
Temperature
TA
Operating free air temperature (1)
-40
125
°C
Reference & Stop Inputs
VID,LVDS
STOP1, STOP2,
STOP3, STOP4,
REFCLK, RSTIDX,
DISABLE,
LVDS Differential Input Voltage
200
mV
VIC,LVDS
LVDS Common Mode Input
Voltage
VID/2
1.25
2.2 –
VID/2
V
VIL,CMOS
CMOS Input Low Voltage
0.4
V
VIH,CMOS
CMOS Input High Voltage
VDD33
- 0.4
V
SPI-Interface
VIL
SCK, MOSI, SSN
Digital Input LOW Voltage
0.8
V
VIH
Digital Input HIGH Voltage
0.7 *
VDD33
V
CLOAD
INTERRUPT, MISO,
PARITY
Load Capacitance to Ground
20
pF
Recommended Operation
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com