Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX2 Datasheet(PDF) 43 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 43 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 39Page - ams AG TDC-GPX2 Datasheet HTML 40Page - ams AG TDC-GPX2 Datasheet HTML 41Page - ams AG TDC-GPX2 Datasheet HTML 42Page - ams AG TDC-GPX2 Datasheet HTML 43Page - ams AG TDC-GPX2 Datasheet HTML 44Page - ams AG TDC-GPX2 Datasheet HTML 45Page - ams AG TDC-GPX2 Datasheet HTML 46Page - ams AG TDC-GPX2 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
ams Datasheet
Page 43
[v1-03] 2017-Dec-18
Document Feedback
TDC-GPX2 − Detailed Description
LVDS Double Data Read Output Interface (DDR)
With double data read mode the readout rate is doubled or
alternatively the LVDS clock frequency can be halved with
constant readout rate. The data and frame bits are clocked on
rising and falling edges of LCLKOUT. Both bits, data and frame,
are delayed by tDV,LVDS to LCLKOUT in order to grant sufficient
hold time for the receiving device. With configuration
parameter LVDS_DATA_VALID_ADJUST the delay can be
adjusted for all LVDS outputs in common.
Figure 46:
LVDS Outputs
Note(s):
1. Bit width of the reference index and the stop result is configured by STOP_DATA_BITWIDTH and REF_INDEX_BITWIDTH
LVDS Output Test Pattern
Setting LVDS_TEST_PATTERN = 1 the interface continuously
outputs the following fixed test patterns. All stop events are
ignored.
Reference index = 111100001100110010101010bin (=15781034dec)
Stop result = 000010101010110011110000bin (=699632dec)
Depending on the configuration of the output format width
(REF_INDEX_BITWIDTH, STOP_DATA_BITWIDTH) only the
corresponding lower bits of the reference index and the stop
result are transmitted.
Double Data Read(DDR)
SDO#N
SDO#P
LCLK#N
LCLK#P
FRAME#N
FRAME#P
MSB
LSB
Stop (14 – 20 Bits)
Index (0 – 24 Bits)
MSB
LSB
4 LCLK periods
i23 i22 i21 i20 i19 i18 i17 i16 i15
i1 i0
s1
9
s1
8
s1
7
s3 s2 s1 s0
1
st frame
2
nd frame
i23 i22 i21 i20 i19 i18 i17 i16 i15 i14 i13 i12 i11 i10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com