Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX2 Datasheet(PDF) 9 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 9 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 5Page - ams AG TDC-GPX2 Datasheet HTML 6Page - ams AG TDC-GPX2 Datasheet HTML 7Page - ams AG TDC-GPX2 Datasheet HTML 8Page - ams AG TDC-GPX2 Datasheet HTML 9Page - ams AG TDC-GPX2 Datasheet HTML 10Page - ams AG TDC-GPX2 Datasheet HTML 11Page - ams AG TDC-GPX2 Datasheet HTML 12Page - ams AG TDC-GPX2 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
ams Datasheet
Page 9
[v1-03] 2017-Dec-18
Document Feedback
TDC-GPX2 − Recommended Operation Conditions
Note(s):
1. Recommended Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance
limits. Test conditions for guaranteed specification are explicitly denoted.
The following test levels apply to all following characteristics:
Figure 8:
Test Levels
LVDS-Interface
VID,LVDS
LCLKIN
LVDS Differential Input Voltage
200
mV
VIC,LVDS
LVDS Common Mode Input
Voltage
1.25
V
RTERM
SDO1, SDO2, SDO3,
SDO4, FRAME1,
FRAME2, FRAME3,
FRAME4,
LCLKOUT
Differential Termination Resistor
for LVDS Outputs
100
Ω
CLOAD
Load Capacitance to Ground
5
pF
Test Level
Description
I
100% production tested.
II
100% production tested at 25 °C and guaranteed by design and characterization testing
III
Parameter is guaranteed by design and characterization testing
IV
Sample tested
V
Parameter is a typical value only.
Symbol
Pin
Description
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com