Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX2 Datasheet(PDF) 2 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 2 Page - ams AG

  TDC-GPX2 Datasheet HTML 1Page - ams AG TDC-GPX2 Datasheet HTML 2Page - ams AG TDC-GPX2 Datasheet HTML 3Page - ams AG TDC-GPX2 Datasheet HTML 4Page - ams AG TDC-GPX2 Datasheet HTML 5Page - ams AG TDC-GPX2 Datasheet HTML 6Page - ams AG TDC-GPX2 Datasheet HTML 7Page - ams AG TDC-GPX2 Datasheet HTML 8Page - ams AG TDC-GPX2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-03] 2017-Dec-18
TDC-GPX2 − General Description
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 2:
Added Value of Using TDC-GPX2
Applications
• Automated Test Equipment
• Laser Range Measurement
• Medical Imaging
• Time-of-Flight Measurement
• Particle Physics
• Lidar, Radar, Sonar
Benefits
Features
• Simple data post-processing thanks to
calibrated results
• 4 stop channels with serial
• 20ns pulse-to-pulse spacing
• Maximum 35MSPS
• 2 combined channels with
• 5ns pulse-to-pulse spacing
• Maximum 70MSPS
• Single shot accuracy
• 20ps rms single shot resolution per channel
• 10ps rms with high resolution option
• Unlimited measuring range 0s to 16s
• Event assignment thanks to reference clock
index simplifies coincidence measurements
• Easy pulse width measurements
• High efficiency thanks high sample rate
• Differential reference clock input 2MHz to 12.5MHz,
optional with quartz
• Inputs optional with LVDS or CMOS level
• Readout with LVDS or SPI
• 16-stage FIFO per channel
• Automatic calibration to reference clock (no PLL or DLL)
• SPI compatible 4-wire interface for configuration
• Compact design thanks to small package
and low number of external components
• Reduced cooling thanks to low power
consumption
• Supply voltage 3.3V
• Power dissipation 60mW to 450mW
• Standby current 60μA
• QFN64 (9mm x 9mm) or QFP64 (12mm x 12mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com