Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX2 Datasheet(PDF) 53 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 53 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 49Page - ams AG TDC-GPX2 Datasheet HTML 50Page - ams AG TDC-GPX2 Datasheet HTML 51Page - ams AG TDC-GPX2 Datasheet HTML 52Page - ams AG TDC-GPX2 Datasheet HTML 53Page - ams AG TDC-GPX2 Datasheet HTML 54Page - ams AG TDC-GPX2 Datasheet HTML 55Page - ams AG TDC-GPX2 Datasheet HTML 56Page - ams AG TDC-GPX2 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
ams Datasheet
Page 53
[v1-03] 2017-Dec-18
Document Feedback
TDC-GPX2 − Detailed Description
Examples for Read-Out Rate with LVDS
The conversion rate of measured stop events can be calculated
by dividing the bus frequency by the number of bits, which are
readout reference index and stop result. The number of bits is
configured by STOP_DATA_BITWIDTH and REF_INDEX_
BITWIDTH.
Figure 56:
Example Data Average Conversion Rate
Note(s):
1. Maximal throughput rate is only reached when the stop event rate at input is high enough
2. With CHANNEL_COMBINE = 1 (”Pulse Distance”) the throughput rate per stop input pin is doubled, as the stop events of one input
pin are alternatively measured and readout by two channels.
STOP_DATA_
BITWIDTH
REF_INDEX_
BITWIDTH
Sum
of Bits
LCLK
SDR Throughput
Rate
DDR Throughput
Rate
00 (14Bit)
000 (0Bit)
14
300MHz
21MSPS
42MSPS
00 (14Bit)
010 (4Bit)
18
300MHz
16MSPS
32MSPS
01 (16Bit)
000 (0Bit)
16
300MHz
18MSPS
37MSPS
01 (16Bit)
011 (8Bit)
24
300MHz
12MSPS
25MSPS
10 (18Bit)
000 (0Bit)
18
200MHz
11MSPS
22MSPS
10 (18Bit)
100 (16Bit)
32
200MHz
6MSPS
12MSPS
11 (20Bit)
000 (0Bit)
20
100MHz
5MSPS
10MSPS
11 (20Bit)
101 (24Bit)
44
100MHz
2MSPS
4MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com