Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX2 Datasheet(PDF) 46 Page - ams AG

Part # TDC-GPX2
Description  4-Channel Time-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX2 Datasheet(HTML) 46 Page - ams AG

Back Button TDC-GPX2 Datasheet HTML 42Page - ams AG TDC-GPX2 Datasheet HTML 43Page - ams AG TDC-GPX2 Datasheet HTML 44Page - ams AG TDC-GPX2 Datasheet HTML 45Page - ams AG TDC-GPX2 Datasheet HTML 46Page - ams AG TDC-GPX2 Datasheet HTML 47Page - ams AG TDC-GPX2 Datasheet HTML 48Page - ams AG TDC-GPX2 Datasheet HTML 49Page - ams AG TDC-GPX2 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-03] 2017-Dec-18
TDC-GPX2 − Detailed Description
Initialization Reset
After the configuration, the initialization opcode
spiopc_init=0x18 resets again the chip to power on state, but
preserves the configuration and starts the measurement. The
initialization reset can be send while the reference clock or
stops are applied. It takes 16 pulses of the reference clock before
the stop channels are opened internally. After the initialization
reset the delay tPOR has to be waited before next
communication. The initialization reset can be applied also
during measurements to restart the chip, but preserves
measured data in FIFOs.
Figure 49:
Initialization Reset Opcode
Write / Incremental Write
Write access is permitted to the configuration registers
exclusively. The access starts by sending the opcode spiopc_
write_config = 0x80 after a positive SSN pulse. The register
address is just added to spiopc_write_config. The data are sent
after the opcode. Incremental write access to the successive
registers is possible by sending the next data bytes. A complete
configuration starts normally at register 0, followed by all
register data bytes.
Figure 50:
SPI Incremental Write
00
0
1
1
0
00
SSN
SCK
MOSI
Opcode 0x18
1
0
0
A4A3A2 A1 A0
SSN
SCK
MOSI
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Data byte of addressed register
Opcode
Register addr ess
Data byte of next register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com