Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSOP Datasheet(PDF) 50 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 46Page - STMicroelectronics LSM6DSOP Datasheet HTML 47Page - STMicroelectronics LSM6DSOP Datasheet HTML 48Page - STMicroelectronics LSM6DSOP Datasheet HTML 49Page - STMicroelectronics LSM6DSOP Datasheet HTML 50Page - STMicroelectronics LSM6DSOP Datasheet HTML 51Page - STMicroelectronics LSM6DSOP Datasheet HTML 52Page - STMicroelectronics LSM6DSOP Datasheet HTML 53Page - STMicroelectronics LSM6DSOP Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
Register description
LSM6DSOP
50/107
DocID032926 Rev 5
9.6
FIFO_CTRL4 (0Ah)
FIFO control register 4 (r/w)
Table 30. FIFO_CTRL4 register description
Table 29. FIFO_CTRL4 register
DEC_TS_
BATCH_1
DEC_TS_
BATCH_0
ODR_T_
BATCH_1
ODR_T_
BATCH_0
0(1)
1. This bit must be set to '0' for the correct operation of the device.
FIFO_
MODE2
FIFO_
MODE1
FIFO_
MODE0
DEC_TS_
BATCH_[1:0]
Selects decimation for timestamp batching in FIFO. Writing rate will be the maximum
rate between XL and GYRO BDR divided by decimation decoder.
(00: Timestamp not batched in FIFO (default);
01: Decimation 1: max(BDR_XL[Hz],BDR_GY[Hz]) [Hz];
10: Decimation 8: max(BDR_XL[Hz],BDR_GY[Hz])/8 [Hz];
11: Decimation 32: max(BDR_XL[Hz],BDR_GY[Hz])/32 [Hz])
ODR_T_
BATCH_[1:0]
Selects batching data rate (writing frequency in FIFO) for temperature data
(00: Temperature not batched in FIFO (default);
01: 1.6 Hz;
10: 12.5 Hz;
11: 52 Hz)
FIFO_
MODE[2:0]
FIFO mode selection
(000: Bypass mode: FIFO disabled;
001: FIFO mode: stops collecting data when FIFO is full;
010: Reserved;
011: Continuous-to-FIFO mode: Continuous mode until trigger is deasserted, then
FIFO mode;
100: Bypass-to-Continuous mode: Bypass mode until trigger is deasserted, then
Continuous mode;
101: Reserved;
110: Continuous mode: if the FIFO is full, the new sample overwrites the older one;
111: Bypass-to-FIFO mode: Bypass mode until trigger is deasserted, then FIFO
mode.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com