Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSOP Datasheet(PDF) 6 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 2Page - STMicroelectronics LSM6DSOP Datasheet HTML 3Page - STMicroelectronics LSM6DSOP Datasheet HTML 4Page - STMicroelectronics LSM6DSOP Datasheet HTML 5Page - STMicroelectronics LSM6DSOP Datasheet HTML 6Page - STMicroelectronics LSM6DSOP Datasheet HTML 7Page - STMicroelectronics LSM6DSOP Datasheet HTML 8Page - STMicroelectronics LSM6DSOP Datasheet HTML 9Page - STMicroelectronics LSM6DSOP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
Contents
LSM6DSOP
6/107
DocID032926 Rev 5
11.31 FSM_OUTS16 (5Bh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
11.32 EMB_FUNC_ODR_CFG_B (5Fh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
11.33 EMB_FUNC_INIT_B (67h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
12
Embedded advanced features pages . . . . . . . . . . . . . . . . . . . . . . . . . . 98
13
Embedded advanced features register description . . . . . . . . . . . . . . . 99
13.1
Page 1 - Embedded advanced features registers . . . . . . . . . . . . . . . . . . 99
13.1.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh) . . . . . 99
13.1.2
FSM_PROGRAMS (7Ch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
13.1.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) . . . . . . 100
14
Pull-up configuration register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
14.1
PU_CONFIG (14h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
15
Soldering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
16
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
16.1
LGA-14L package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
16.2
LGA-14 packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
17
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com