Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSOP Datasheet(PDF) 55 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 51Page - STMicroelectronics LSM6DSOP Datasheet HTML 52Page - STMicroelectronics LSM6DSOP Datasheet HTML 53Page - STMicroelectronics LSM6DSOP Datasheet HTML 54Page - STMicroelectronics LSM6DSOP Datasheet HTML 55Page - STMicroelectronics LSM6DSOP Datasheet HTML 56Page - STMicroelectronics LSM6DSOP Datasheet HTML 57Page - STMicroelectronics LSM6DSOP Datasheet HTML 58Page - STMicroelectronics LSM6DSOP Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
DocID032926 Rev 5
55/107
LSM6DSOP
Register description
107
9.13
CTRL3_C (12h)
Control register 3 (r/w)
Table 46. CTRL3_C register description
Table 45. CTRL3_C register
BOOT
BDU
H_LACTIVE
PP_OD
SIM
IF_INC
0(1)
1. This bit must be set to '0' for the correct operation of the device.
SW_RESET
BOOT
Reboots memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
This bit is automatically cleared.
BDU
Block Data Update. Default value: 0
(0: continuous update;
1: output registers are not updated until MSB and LSB have been read)
H_LACTIVE
Interrupt activation level. Default value: 0
(0: interrupt output pins active high; 1: interrupt output pins active low)
PP_OD
Push-pull/open-drain selection on INT pin. Default value: 0
(0: push-pull mode; 1: open-drain mode)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
IF_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I²C or SPI). Default value: 1
(0: disabled; 1: enabled)
SW_RESET
Software reset. Default value: 0
(0: normal mode; 1: reset device)
This bit is automatically cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com