Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSOP Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 35Page - STMicroelectronics LSM6DSOP Datasheet HTML 36Page - STMicroelectronics LSM6DSOP Datasheet HTML 37Page - STMicroelectronics LSM6DSOP Datasheet HTML 38Page - STMicroelectronics LSM6DSOP Datasheet HTML 39Page - STMicroelectronics LSM6DSOP Datasheet HTML 40Page - STMicroelectronics LSM6DSOP Datasheet HTML 41Page - STMicroelectronics LSM6DSOP Datasheet HTML 42Page - STMicroelectronics LSM6DSOP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
DocID032926 Rev 5
39/107
LSM6DSOP
Functionality
107
6.5.1
Bypass mode
In Bypass mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 000), the FIFO is not operational
and it remains empty. Bypass mode is also used to reset the FIFO when in FIFO mode.
6.5.2
FIFO mode
In FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 001) data from the output
channels are stored in the FIFO until it is full.
To reset FIFO content, Bypass mode should be selected by writing FIFO_CTRL4
(0Ah)(FIFO_MODE_[2:0]) to '000'. After this reset command, it is possible to restart FIFO
mode by writing FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0]) to '001'.
The FIFO buffer memorizes up to 9 kbytes of data (with compression enabled) but the depth
of the FIFO can be resized by setting the WTM [8:0] bits in FIFO_CTRL1 (07h) and
FIFO_CTRL2 (08h). If the STOP_ON_WTM bit in FIFO_CTRL2 (08h) is set to '1', FIFO
depth is limited up to the WTM [8:0] bits in FIFO_CTRL1 (07h) and FIFO_CTRL2 (08h).
6.5.3
Continuous mode
Continuous mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 110) provides a continuous
FIFO update: as new data arrives, the older data is discarded.
A FIFO threshold flag FIFO_STATUS2 (3Bh)(FIFO_WTM_IA) is asserted when the number
of unread samples in FIFO is greater than or equal to FIFO_CTRL1 (07h) and FIFO_CTRL2
(08h)(WTM [8:0]).
It is possible to route the FIFO_WTM_IA flag to FIFO_CTRL2 (08h) to the INT pin by writing
in register INT_CTRL (0Dh)(INT_FIFO_TH) = '1'.
A full-flag interrupt can be enabled, INT_CTRL (0Dh)(INT_FIFO_FULL) = '1', in order to
indicate FIFO saturation and eventually read its content all at once.
If an overrun occurs, at least one of the oldest samples in FIFO has been overwritten and
the FIFO_OVR_IA flag in FIFO_STATUS2 (3Bh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available inFIFO_STATUS1 (3Ah) and FIFO_STATUS2
(3Bh)(DIFF_FIFO_[9:0]).
6.5.4
Continuous-to-FIFO mode
In Continuous-to-FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = 011), FIFO
behavior changes according to the trigger event detected in one of the following interrupt
events:
Wake-up
D6D
When the selected trigger bit is equal to '1', FIFO operates in FIFO mode.
When the selected trigger bit is equal to '0', FIFO operates in Continuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com