Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDF7275K Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 18Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 19Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 20Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 21Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 22Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 23Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 24Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 25Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Final datasheet
22
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
4.5.2
Reinforced isolation of devices in WB PG-DSO-16-30 package
The PG-DSO-16-30 package is available for 2EDS8265H, 2EDS9265H and 2EDS8165H. The safety related
certifications are listed in Table 24, Table 25 and the isolation related parameters are shown in Table 26 to
Table 30
Table 22
Package characteristics (NB PG-DSO-16-11)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Comparative Tracking Index
of package mold
CTI
400
–
600
V
according to DIN EN 60112
(VDE 0303-11)
Material group
–
–
II
–
–
according to IEC 60112
Table 23
Channel-to-channel isolation (NB PG-DSO-16-11)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Functional isolation test
voltage
VCh2Ch-DC-
Test
1500
–
–
VDC Impulse Test >10 ms;
sample tested
Package Creepage
CPG
–
2.5
–
mm Shortest distance over
surface, from Output pin
Ch1-GND to output pin
Ch2-VDD
Table 24
Component safety-related certificates for WB PG-DSO-16-301)
1) certifications planned for 2EDS9265H
Certification
Issuing certification body
Certification status
Certification number
DIN V VDE V 0884-10
VDE
Certified 2)
2) certification no longer available due to standard expiration
40043864
UL 1577
UL
Certified
E311313
Table 25
Sistem safety-related certifications for WB PG-DSO-16-30 1)
1) certifications planned for 2EDS9265H
Certification
Issuing certification body
Certification status
Certification number
DIN EN 62368-1 (VDE 0868-1),
DIN 60950-1 (VDE 0805-1)
VDE
Certified
40050289
EN 61010-1
VDE
Certified
40051533
EN 60601-1
VDE
Certification pending
–
GB 4943.1-2011
CQC
Certification pending
–
CSA C22.2 No. 62368-1
CSA
Certification planned
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com