Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDF7275K Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 27Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 28Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 29Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 30Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 31Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 32Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 33Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 34Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Final datasheet
31
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Package outline dimensions
7
Package outline dimensions
The following package versions are available.
• an NB PG-DSO-16-11 package with typ. 4 mm creepage input to output
• an area optimized 5 x 5 mm2 PG-TFLGA-13-1
• a WB PG-DSO-16-30 package with typ. 8 mm creepage input to output
Note:
For further information on package types, recommendation for board assembly, please go to:
www.infineon.com/2EDi
7.1
Device numbers and markings
7.2
Package PG-DSO-16-11
Figure 17 PG-DSO-16-11 outline
Table 31
Device numbers and markings
Part number
Orderable part number (OPN)
Device marking
2EDF7275F
2EDF7275FXUMA2
2F7275B
2EDF9275F
2EDF9275FXUMA1
2F9275B
2EDF7175F
2EDF7175FXUMA2
2F7175B
2EDF7275K
2EDF7275KXUMA2
2F7275B
2EDF7235K
2EDF7235KXUMA1
2F7235A
2EDS8265H
2EDS8265HXUMA2
2S8265B
2EDS9265H
2EDS9265HXUMA1
2S9265B
2EDS8165H
2EDS8165HXUMA2
2S8165B
0.1 C
SEATING
PLANE
0.25
D C 16x
C
8
COPLANARITY
16x
0.33
+0.17
-0.08
x45°
0.64±0.25
6±0.2
1
9
16
1) DOES NOT INCLUDE PLASTIC OR METAL PROTRUSION OF 0.25 MAX. PER SIDE
1)
ALL DIMENSIONS ARE IN UNITS MM
THE DRAWING IS IN COMPLIANCE WITH ISO 128 & PROJECTION METHOD 1 [
]
INDEX
MARKING
BOTTOM VIEW
4
0.0
-0.2
0.41
+0.08
-0.06
D
10
0.0
-0.2
1.27
1)
1
8
9
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com