Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDF7275K Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 26Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 27Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 28Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 29Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 30Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 31Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 32Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 33Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Final datasheet
30
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Typical characteristics
Figure 15 Dead time control: rising edge delay vs RDTC
Figure 16 Thermal derating curves
0
50
100
150
200
250
300
0
50
100
150
200
RDTC [kΩ]
0
500
1000
1500
2000
2500
-50
0
50
100
150
Tamb [°C]
VDDI = 3.3 V
(Current in each channel with both
channels running simultaneously)
0
25
50
75
100
-50
0
50
100
150
Tamb [°C]
I_VDDA, VDDB for VDD=12 V
I_VDDA, VDDB for VDD=20 V
VDDI = 3.3 V
(Current in each channel with both
channels running simultaneously)
Thermal derating for safety-
related limiting current
Thermal derating for safety-
related limiting power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com