Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDF7275K Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 30Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 31Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 32Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 33Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 34Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 35Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 36Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 37Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 38Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Final datasheet
36
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Revision history
Page or Item
Subjects (major changes since previous revision)
Rev. 2.5 Datasheet, 2020-03-17
Page 1
“certified according to DIN V VDE V0884-10” changed in “DIN V VDE V0884-10
compliant” due to standard expiration on 2019.12.31
Whole document
added references to 2EDF9275F and 2EDS9265H (13 V UVLO options for SiC
MOSFETs driving)
Page 1, Table 1
added reference to EN 61010-1 certification
Page 1
update of term DIN EN 62368-1 and DIN EN 60950-1
Table 1
CQC removed from Table 1 due to presence of footnote 2)
Table 1
added footnote 3) due to expiration of VDE0884-10 certification
Table 1, Table 31
added 2EDF9275F and 2EDS9265H products
Table 1
removed OPN for better readability; OPN shown in Table 31
Table 13
VIN max. value 6.5 V→ 15 V
Table 9
added IVDDA, IVDDBquiescient current for 2EDF9275F and 2EDS9265H
Table 11
added VDDA, VDDB Undervoltage Lockout table for 2EDF9275F and 2EDS9265H
Table 13
added “UVLO threshold vs temperature” for the 13 V UVLO options
(2EDF9275F, 2EDS9265H)
Table 24, Table 25
added tables for overview on safety-related certifications of PG-DSO-16-30
Table 26
“see VDE certificate” footnote removed due to certification expiration
Table 28
fixed typo in the test condition: 5700 kVRMS → 5700 VRMS
Table 31
new OPN and “B” marking: improved secondary-side clamping performance
Rev 2.4 Datasheet, 2019-02-08
Table 6
max. VDDI: 3.7 V → 4.0 V
Rev. 2.3 Datasheet, 2019-01-31
Whole document
removed “certification pending” because certification has been issued (see
Table 1)
Chapter 7
latest footprints, outlines and packaging for PG-DSO-16-11 and
PG-DSO-16-30
Figure 7
adjusted values
Page 1
propagation delay variance in “Features” updated
Table 1 and Table 31
OPN inserted for 2EDF7235K
Table 6
reference to max. value → VDDO for voltage at pins OUTA and OUTB
Table 6
removed footnote 1 from parameter “Non-destructive Common Mode
Transient Immunity”
Table 8
Tamb max. value 85°C → 125°C
Table 17
CLOADin "Note or test condition" moved to table description
Table 18, Table 21 and Table 26 Non-destructive Common Mode Transient Immunity transferred to Table 6,
Absolute maximum ratings
Table 18
added footnote to “Capacitance” and “Resistance” parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com