Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDF7275K Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 10Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 11Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 12Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 13Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 14Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 15Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 16Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 17Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Final datasheet
14
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
4
Device characteristics
The absolute maximum ratings are listed in Table 6. Stresses beyond these values may cause permanent damage
to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
4.1
Absolute maximum ratings
Table 6
Absolute maximum ratings
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Input supply voltage
VDDI
-0.3
–
4.0
V
SLDO inactive (N.C. or
connected to VDDI)
Output supply voltage
VDDO
-0.3
–
22
V
–
Voltage at pins PWM and
DISABLE
VIN
-0.3
–
17
V
–
-5
–
–
V
< 50 ns for transient 1)
1) parameter verified by design, not tested in production
Voltage at pins DTC and
TEST/SLDO
VDTC /
VTEST/SLDO
-0.3
–
VDDI+ 0.3
V
–
Voltage at pins OUTA, OUTB
VOUTA/B
-0.3
–
VDDO+ 0.3 V
–
-2
–
VDDO+ 1.5
V
< 200 ns 1)
Reverse current peak at pins
OUTA, OUTB
ISRC_rev
-5
–
–
Apk
< 500 ns 1)
ISNK_rev
––
5
Apk
Non-destructive Common
Mode Transient Immunity
CMTI
400
–
–
V/ns input to each output
channel
Junction temperature
TJ
-40
–
150
°C
–
Storage temperature
TSTG
-65
–
150
°C
–
Soldering temperature
TSOL
–
–
260
°C
reflow / wave soldering 2)
2) according to JESD22A111
ESD capability
VESD_CDM
–
–
0.5
kV
Charged Device Model
(CDM) 3)
3) according to JESD22-002
ESD capability
VESD_HBM
–
–
2
kV
Human Body Model
(HBM) 4)
4) according to JESD22-A114-B (discharging 100 pF capacitor through 1.5 kΩ resistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com