Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDF7275K Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 13Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 14Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 15Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 16Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 17Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 18Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 19Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 20Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Final datasheet
17
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
Table 11
Undervoltage Lockout VDDA, VDDB 13 V-versions for SiC MOSFETs (see Figure 13)
Parameter
Symbol
Values
Unit Note or
Test Condition
Min.
Typ.
Max.
Undervoltage Lockout (UVLO) turn-on
threshold VDDA, VDDB
UVLO_
CMon
13.0
13.7
14.2
V
–
Undervoltage Lockout (UVLO) turn-off
threshold VDDA, VDDB
UVLO_
CMoff
–
12.9
–
V
–
UVLO threshold hysteresis VDDA, VDDB
UVLO_
CMhys
0.4
0.8
1.2
V
–
Table 12
Undervoltage Lockout VDDA, VDDB 8 V-versions for standard MOSFETs (see Figure 12)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Min.
Typ.
Max.
Undervoltage Lockout (UVLO) turn-on
threshold VDDA, VDDB
UVLO_
CMon
7.6
8.0
8.4
V
–
Undervoltage Lockout (UVLO) turn-off
threshold VDDA, VDDB
UVLO_
CMoff
–7.0
–
V
–
UVLO threshold hysteresis VDDA,
VDDB
UVLO_
CMhys
0.711.3
V
–
Table 13
Undervoltage Lockout VDDA, VDDB 4 V-versions for logic-level MOSFETs (see Figure 12)
Parameter
Symbol
Values
Unit Note or
Test Condition
Min.
Typ.
Max.
Undervoltage Lockout (UVLO) turn on
threshold VDDA, VDDB
UVLO_
CMon
4.0
4.2
4.4
V
–
Undervoltage Lockout (UVLO) turn off
threshold VDDA, VDDB
UVLO_
CMoff
–3.9
–
V
–
UVLO threshold hysteresis
VDDA, VDDB
UVLO_
CMhys
0.2
0.3
0.4
V
–
Table 14
Logic inputs INA, INB and DISABLE (see Figure 11)
Parameter
Symbol
Values
Unit Note or
Test Condition
Min.
Typ.
Max.
Input voltage threshold for transition
LH
VINH
1.7
2.0
2.3
V
–
Input voltage threshold for transition
HL
VINL
–1.2
–
V
–
Input voltage threshold hysteresis
VIN_hys
0.4
0.8
1.2
V
–
Input pull-down resistor
RIN
–
150
–
kΩ
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com