Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDF7275K Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # 2EDF7275K
Description  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 12Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 13Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 14Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 15Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 16Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 17Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 18Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 19Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Final datasheet
16
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Device characteristics
4.3
Operating range
4.4
Electrical characteristics
Unless otherwise noted, min./max. values of characteristics are the lower and upper limits, respectively. They are
valid within the full operating range. The supply voltage is VDDA,VDDB=12V and VDDI= 3.3 V. Typical values are given
at TJ = 25°C.
Table 8
Operating range
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Input supply voltage
VDDI
3.0
–
3.5
V
Min. defined by UVLO
Output supply voltage
VDDA /
VDDB
4.5
–
20
V
Min. defined by UVLO
Logic input voltage at pins INA,
INB, DISABLE
VIN
0–
15
V
–
Voltage at pins DTC and SLDO
VDTC /
VTEST/SLDO
0–
3.5
V
–
Junction temperature
TJ
-40
–
150
°C
1)
1) continuous operation above 125°C may reduce lifetime.
Ambient temperature
Tamb
-40
–
125
°C
–
Table 9
Power supply (see Figure 7, Figure 8 and Figure 9)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
IVDDI quiescent current
IVDDIqu1
–
1.4
–
mA no switching
IVDDA , IVDDB quiescent current
IVDDAqu2 /
IVDDBqu2
–
0.6
–
mA Outx = low, no switching
(4 V, 8 V UVLO options)
–0.7
–
mA Outx = low, no
switching, VDDA/B= 15 V >
UVLO_ CMon (13 V UVLO
options)
Table 10
Undervoltage Lockout VDDI (See Figure 11)
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Undervoltage Lockout (UVLO)
turn-on threshold VDDI
UVLOon
2.75
2.85
2.95
V
–
Undervoltage Lockout (UVLO)
turn-off threshold VVDDI
UVLOoff
–2.70–
V
–
UVLO threshold hysteresis VDDI UVLOhys
0.1
0.15
0.2
V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com