Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 122 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 118Page - NXP Semiconductors LPC183X Datasheet HTML 119Page - NXP Semiconductors LPC183X Datasheet HTML 120Page - NXP Semiconductors LPC183X Datasheet HTML 121Page - NXP Semiconductors LPC183X Datasheet HTML 122Page - NXP Semiconductors LPC183X Datasheet HTML 123Page - NXP Semiconductors LPC183X Datasheet HTML 124Page - NXP Semiconductors LPC183X Datasheet HTML 125Page - NXP Semiconductors LPC183X Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
122 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
11.14 USB interface
[1]
Characterized but not implemented as production test. Guaranteed by design.
Remark: If only USB0 (HS USB) is used, the pins VDDREG and VDDIO can be at
different voltages within the operating range but should have the same ramp up time. If
USB1(FS USB) is used, the pins VDDREG and VDDIO should be a minimum of 3.0 V and
be tied together.
Table 31.
Dynamic characteristics: USB0 and USB1 pins (full-speed)
CL = 50 pF; Rpu = 1.5 kon D+ to VDD(IO), unless otherwise specified; 3.0 V VDD(IO) 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
10 % to 90 %
4.0
-
20.0
ns
tf
fall time
10 % to 90 %
4.0
-
20.0
ns
tFRFM
differential rise and fall time
matching
tr /tf
90
-
111.11
%
VCRS
output signal crossover voltage
1.3
-
2.0
V
tFEOPT
source SE0 interval of EOP
see Figure 35
160
-
175
ns
tFDEOP
source jitter for differential transition
to SE0 transition
see Figure 35
2-
+5
ns
tJR1
receiver jitter to next transition
18.5
-
+18.5
ns
tJR2
receiver jitter for paired transitions
10 % to 90 %
9-
+9
ns
tEOPR1
EOP width at receiver
must reject as
EOP; see
Figure 35
[1] 40
--ns
tEOPR2
EOP width at receiver
must accept as
EOP; see
Figure 35
[1] 82
--ns
Fig 35. Differential data-to-EOP transition skew and EOP width
002aab561
TPERIOD
differential
data lines
crossover point
source EOP width: tFEOPT
receiver EOP width: tEOPR1, tEOPR2
crossover point
extended
differential data to
SE0/EOP skew
n
× TPERIOD + tFDEOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com