Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 125 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 121Page - NXP Semiconductors LPC183X Datasheet HTML 122Page - NXP Semiconductors LPC183X Datasheet HTML 123Page - NXP Semiconductors LPC183X Datasheet HTML 124Page - NXP Semiconductors LPC183X Datasheet HTML 125Page - NXP Semiconductors LPC183X Datasheet HTML 126Page - NXP Semiconductors LPC183X Datasheet HTML 127Page - NXP Semiconductors LPC183X Datasheet HTML 128Page - NXP Semiconductors LPC183X Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
125 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
11.16 SD/MMC
11.17 LCD
Table 34.
Dynamic characteristics: SD/MMC
Tamb = 40 C to +105 C, 2.4 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V, CL = 20 pF. Simulated
values. SAMPLE_DELAY = 0x9, DRV_DELAY = 0x6 in the SDDELAY register sampled at 90 % and 10 % of the signal level,
EHS = 1 for SD_CLK pin, EHS = 0 for SD_DATn and SD_CMD pins. Simulated values.
Symbol Parameter
Conditions
Min
Max
Unit
fclk
clock frequency
on pin SD_CLK; data transfer mode -
52
MHz
tsu(D)
data input set-up time
on pins SD_DATn as inputs
5.2
-
ns
on pins SD_CMD as inputs
7
-
ns
th(D)
data input hold time
on pins SD_DATn as inputs
0.2
-
ns
on pins SD_CMD as inputs
1-
ns
td(QV)
data output valid delay
time
on pins SD_DATn as outputs
-
15.7
ns
on pins SD_CMD as outputs
-
15.9
ns
th(Q)
data output hold time
on pins SD_DATn as outputs
3.5
-
ns
on pins SD_CMD as outputs
3.5
-
ns
Fig 37. SD/MMC timing
002aag204
SD_CLK
SD_DATn (O)
SD_DATn (I)
td(QV)
th(D)
tsu(D)
Tcy(clk)
th(Q)
SD_CMD (O)
SD_CMD (I)
Table 35.
Dynamic characteristics: LCD
Tamb = 40 C to 105 C; 2.4 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V; CL = 20 pF.
Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin LCD_DCLK
-
50
-
MHz
td(QV)
data output valid
delay time
-
-
17
ns
th(Q)
data output hold time
8.5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com