Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 127 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 123Page - NXP Semiconductors LPC183X Datasheet HTML 124Page - NXP Semiconductors LPC183X Datasheet HTML 125Page - NXP Semiconductors LPC183X Datasheet HTML 126Page - NXP Semiconductors LPC183X Datasheet HTML 127Page - NXP Semiconductors LPC183X Datasheet HTML 128Page - NXP Semiconductors LPC183X Datasheet HTML 129Page - NXP Semiconductors LPC183X Datasheet HTML 130Page - NXP Semiconductors LPC183X Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
127 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
12. ADC/DAC electrical characteristics
[1]
The ADC is monotonic, there are no missing codes.
[2]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 39.
[3]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 39.
[4]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 39.
[5]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 39.
[6]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve. See Figure 39.
[7]
Tamb = 25 C.
[8]
Input resistance Ri depends on the sampling frequency fs: Ri = 2 k + 1 / (fs  Cia).
Table 37.
ADC characteristics
VDDA(3V3) over specified ranges; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA(3V3)
V
Cia
analog input capacitance
-
-
2
pF
ED
differential linearity error
2.7 V
 V
DDA(3V3)  3.6 V
[1][2] -
0.8
-
LSB
2.4 V
 V
DDA(3V3) < 2.7 V
-
1.0
-
LSB
EL(adj)
integral non-linearity
2.7 V
 V
DDA(3V3)  3.6 V
[3] -
0.8
-
LSB
2.4 V
 V
DDA(3V3) < 2.7 V
-
1.5
-
LSB
EO
offset error
2.7 V
 V
DDA(3V3)  3.6 V
[4] -
0.15
-
LSB
2.4 V
 V
DDA(3V3) < 2.7 V
-
0.15
-
LSB
EG
gain error
2.7 V
 V
DDA(3V3)  3.6 V
[5] -
0.3
-
%
2.4 V
 V
DDA(3V3) < 2.7 V
-
0.35
-
%
ET
absolute error
2.7 V
 V
DDA(3V3)  3.6 V
[6] -
3-
LSB
2.4 V
 V
DDA(3V3) < 2.7 V
-
4-
LSB
Rvsi
voltage source interface
resistance
see Figure 40
--
1/(7
 f
clk(ADC)
Cia)
k
Ri
input resistance
[7][8] --
1.2
M
fclk(ADC) ADC clock frequency
-
-
4.5
MHz
fs
sampling frequency
10-bit resolution; 11 clock
cycles
-
-
400
kSamples/s
2-bit resolution; 3 clock
cycles
1.5
MSamples/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com