Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3A-150 Datasheet(PDF) 54 Page - Intel Corporation

Part # JS28F320J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-150 Datasheet(HTML) 54 Page - Intel Corporation

Back Button JS28F320J3A-150 Datasheet HTML 50Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 51Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 52Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 53Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 54Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 55Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 56Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 57Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
256-Mbit J3 (x8/x16)
54
Datasheet
A.3
Block Status Register
The block status register indicates whether an erase operation completed successfully or whether a
given block is locked or can be accessed for flash program/erase operations.
A.4
CFI Query Identification String
The CFI Query Identification String provides verification that the component supports the
Common Flash Interface specification. It also indicates the specification version and supported
vendor-specified command set(s).
Table 25. Query Structure
Offset
Sub-Section Name
Description
Notes
00h
Manufacturer Code
1
01h
Device Code
1
(BA+2)h(2)
Block Status Register
Block-Specific Information
1,2
04-0Fh
Reserved
Reserved for Vendor-Specific Information
1
10h
CFI Query Identification String
Reserved for Vendor-Specific Information
1
1Bh
System Interface Information
Command Set ID and Vendor Data Offset
1
27h
Device Geometry Definition
Flash Device Layout
1
P(3)
Primary Intel-Specific Extended
Query Table
Vendor-Defined Additional Information
Specific to the Primary Vendor Algorithm
1,3
NOTES:
1. Refer to the Query Structure Output section and offset 28h for the detailed definition of offset
address as a function of device bus width and mode.
2. BA = Block Address beginning location (i.e., 02000h is block 2’s beginning location when the
block size is 128 Kbyte).
3. Offset 15 defines “P” which points to the Primary Intel-Specific Extended Query Table.
Table 26. Block Status Register
Offset
Length
Description
Address
Value
(BA+2)h(1)
1
Block Lock Status Register
BA+2:
--00 or --01
BSR.0 Block Lock Status
0 = Unlocked
1 = Locked
BA+2:
(bit 0): 0 or 1
BSR 1–7: Reserved for Future Use
BA+2:
(bit 1–7): 0
NOTE:
1. BA = The beginning location of a Block Address (i.e., 008000h is block 1’s (64-KB block) beginning location
in word mode).
Table 27. CFI Identification (Sheet 1 of 2)
Offset
Length
Description
Add.
Hex
Code
Value
10h
3
Query-unique ASCII string “QRY”
10
--51
“Q”
11:
--52
“R”
12:
--59
“Y”
13h
2
Primary vendor command set and control interface ID code.
13:
--01
16-bit ID code for vendor-specified algorithms
14:
--00
15h
2
Extended Query Table primary algorithm address
15:
--31
16:
--00
17h
2
Alternate vendor command set and control interface ID code.
17:
--00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com