Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 22 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 22 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 18Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 19Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 20Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 22
 2018 Microchip Technology Inc.
2.5.4.1
Suggested Component Suppliers
D1 is a Schottky Diode. Possible suppliers are shown in Table 2-2.
:
L1 is a 10 µH inductor. Possible suppliers are shown in Table 2-3.
:
When the Voltage Booster is run in low frequency mode, L1 is a 47 µH inductor. Possible suppliers are shown in
Table 2-4.
Q1 is an N-channel 20 V, 700 mA, MOSFET. Possible suppliers are shown in Table 2-5 on page 22.
FIGURE 2-1:
XVDD SUPPLY CIRCUIT
Note
1:
Do not fit capacitor Cboost but make provision for it next to the VREGBOOST pin. This capacitor
may be required to minimize RF noise issues.
2:
See Section 2.5.4.1 “Suggested Component Suppliers” for suggested suppliers for L1 and Q1.
3:
To run the Voltage Booster in low frequency mode, a 47 µH inductor (in position L1) will need to be
fitted to the boost circuit.
VDDHV
1
3
D1
1
Q1
10uF 50V
GND
22nF
GND
10uH
L1
XVDD
GND
10 R
47 R
33pF
GND
33pF 50V
DNF - See note below
Cboost
GND
2.2uF
TABLE 2-2:
SUITABLE SCHOTTKY DIODE (D1)
Manufacturer
Device
Various
BAT54M3T5G
Various
1N4148WX
TABLE 2-3:
SUITABLE 10 µH INDUCTORS (L1)
Manufacturer
Device
Size
Panasonic
ELJFB100JF
1812
TDK
MLZ1608M100WT
1812
TDK
MLZ2012M100WT000
0805
TABLE 2-4:
SUITABLE 47 µH INDUCTORS (L1)
Manufacturer
Device
Size
LTE
NR3015T470M
1812
Chip1stop.com
NR3015T470M
3 × 3 mm
TABLE 2-5:
SUITABLE MOSFETS (Q1)
Manufacturer
Device
ON Semiconductor
NTA4153NT1G
ON Semiconductor
2N7002ET1G
Toshiba
SSM3K56FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com