Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 34 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 34 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 32Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 33Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 34Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 35Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 36Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 37Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 34
 2018 Microchip Technology Inc.
8.0
I2C COMMUNICATIONS
Communication with the device can be carried out over the I2C interface.
The I2C interface is used in conjunction with the CHG line. The CHG line going active signifies that a new data packet
is available. This provides an interrupt-style interface and allows the device to present data packets when internal
changes have occurred. See Section 8.6 “CHG Line” for more information.
See Section 7.0 “Host Communications” for information on selecting I2C mode.
8.1
I2C Addresses
The device supports two I2C device addresses that are selected using the ADDSEL line at start up. The two internal I2C
device addresses are 0x4A and 0x4B. The selection of the address (and the communication mode) is described in
Section 7.3 “I2C Address Selection – ADDSEL Pin”.
The I2C address is shifted left to form the SLA+W or SLA+R address when transmitted over the I2C interface, as shown
in Table 8-1.
8.2
Writing To the Device
A WRITE cycle to the device consists of a START condition followed by the I2C address of the device (SLA+W). The
next two bytes are the address of the location into which the writing starts. The first byte is the Least Significant Byte
(LSByte) of the address, and the second byte is the Most Significant Byte (MSByte). This address is then stored as the
address pointer.
Subsequent bytes in a multi-byte transfer form the actual data. These are written to the location of the address pointer,
location of the address pointer + 1, location of the address pointer + 2, and so on. The address pointer returns to its
starting value when the WRITE cycle STOP condition is detected.
Figure 8-1 shows an example of writing four bytes of data to contiguous addresses starting at 0x1234.
FIGURE 8-1:
EXAMPLE OF A FOUR-BYTE WRITE STARTING AT ADDRESS 0x1234
8.3
I2C Writes in Checksum Mode
In I2C checksum mode an 8-bit CRC is added to all I2C writes. The CRC is sent at the end of the data write as the last
byte before the STOP condition. All the bytes sent are included in the CRC, including the two address bytes. Any
command or data sent to the device is processed even if the CRC fails.
To indicate that a checksum is to be sent in the write, the most significant bit of the MSByte of the address is set to 1.
For example, the I2C command shown in Figure 8-2 writes a value of 150 (0x96) to address 0x1234 with a checksum.
The address is changed to 0x9234 to indicate checksum mode.
FIGURE 8-2:
EXAMPLE OF A WRITE TO ADDRESS 0x1234 WITH A CHECKSUM
TABLE 8-1:
FORMAT OF AN I2C ADDRESS
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address: 0x4A or 0x4B
Read/write
Write Data
START
SLA+W
0x34
0x12
0x96
0x9B
0xA0
0xA5
STOP
Write Address
(LSB MSB)
Write Data
START
SLA+W
0x34
0x92
0x96
Checksum
Write Address
(LSB, MSB)
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com