Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 90 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 90 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 86Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 87Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 88Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 89Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 90Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 91Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 92Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 93Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 90
 2018 Microchip Technology Inc.
• Section 4.0 “Sensor Layout”:
- Section 4.1 “Screen Size” added
• Circuit Components section combined with Section 11.0 “PCB Design Considerations”
• Section 5.0 “Power-up / Reset Requirements”:
- Updated with minor rewording. Clarification on connection of XVdd to Vdd added. Checksum information
moved to Section 12.1.2 “Power-up Sequence”
- Section 5.3 “Power-up and Initialization”: Section added
- Section 5.4 “Summary” moved to end
• Section 6.0 “Detailed Operation”:
- Section 6.4 “Sensor Acquisition” updated
- GPIO Pins section removed and contents moved to Section 2.5.8 “GPIO Pins”
• Section 7.0 “Host Communications”
- Text updated and reformatted
• Section 8.0 “I2C Communications”:
- Section 8.8 “Clock Stretching” corrected
- All footnotes incorporated into main text
• Section 11.0 “PCB Design Considerations”:
- Section 11.4 “Voltage Regulators”: updated to include additional recommended LDOs
-I2C Line Pull-up Resistor section removed; information included elsewhere
• Section 12.0 “Getting Started with mXT1664T3”:
- Section 12.1.2 “Power-up Sequence”: Information and advice corrected. Checksum information moved from
Section 5.0 “Power-up / Reset Requirements”
• Section 14.0 “Specifications”:
- Section 14.2 “Recommended Operating Conditions”: Cx removed; information now in Section 14.8
“Touchscreen Sensor Characteristics”
- Section 14.2.1 “DC Characteristics”: Tables in sub-sections updated to show rise/fall rates correctly with
explanatory notes
- Section 14.2.2 “Power Supply Ripple and Noise” moved and now quotes single AVdd value
- Section 14.4 “Current Consumption – I2C Interface”: Note added to say characterization charts show typical
values
- Section 14.5 “Current Consumption – USB Interface”: Note added to say characterization charts show typical
values
- Section 14.7.3 “Reset Timings”: Hardware reset figure updated
- Section 14.8 “Touchscreen Sensor Characteristics” added
- Section 14.9 “Input/Output Characteristics”: All I/O pins are listed in the table
- Section 14.10 “I2C Specification”: Specific resistor values removed
• Appendix A “Associated Documents”:
- Referenced documents updated
• maXCharger T72 object renamed to Noise Suppression T72
• Self Capacitance maXCharger T108 object renamed to Self Capacitance Noise Suppression T108
• References to restricted documents removed throughout
• References to Atmel Corporation removed or changed to Microchip Technology Inc, where appropriate
• New documentation number assigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com