Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 28 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 28 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 28
 2018 Microchip Technology Inc.
FIGURE 5-3:
POWER-UP SEQUENCE
5.3
Power-up and Initialization
The device uses a number of different power domains for optimum performance and contains circuitry to interface
internal signals crossing between the different domains. There is also circuitry to ensure that the device interface logic
will be initialized correctly as the device powers on. Note, however, that this does not negate specific instructions
elsewhere in this section about the order that the different supplies should power up. Also, as previously mentioned,
RESET should be held low until after all power rails are stable. In addition, the device will not initialize until all the voltage
rails have powered up and are present.
If one domain loses power, however (for example, due to a fault or an ESD event), the device should be power-cycled
to ensure that the interface logic is once again initialized. It is therefore recommended that customer designs include
the capability for the host to control all the maXTouch power supplies and pull the RESET line low.
5.4
Summary
The power-up and reset requirements for the maXTouch devices are summarized in Table 5-1.
RESET
VddIO
> 90 ms
Vdd
< 10 ms
CHG
No External drive. Pull-up resistor to VddIO on
and
RESET
CHG
RESET
CHG
when VddIO rises,
and
rise with VddIO
TABLE 5-1:
POWER-UP AND RESET REQUIREMENTS
Condition
External RESET
VddIO Delay
(After Vdd)
AVdd Power-Up
Comments
1
Low at Power-up
0 ms
Before RESET is
released
If AVdd bring-up is delayed, then additional
actions will be required by the host (see
Section 5.1 “Power-on Reset”
2
Not driven
<10 ms
Before VddIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com