Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 46 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 46 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 42Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 43Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 44Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 45Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 46Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 47Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 48Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 46
 2018 Microchip Technology Inc.
9.6
Digitizer HID-I2C
This is a digitizer class HID.
9.6.1
TOUCH REPORT
The format of a Touch report is shown in Figure 9.6.2. Each Touch report is 18 bytes long and contains the data for one
touch.
9.6.2
TOUCH REPORT PACKET FORMAT
In Figure 9.6.2:
• Rpt ID is the HID-I2C report ID used for Touch reports (see Table 9-2 on page 40).
• Touch is the data for the touch.
• Scan Time is the Timestamp for the report packet
• Count is used to identify the report packets for current active touches that are to be reported as a single package.
The Count in the first packet for the first touch is set to the number of active touches to be sent in one package
(that is, the number of packets). Subsequent packets for subsequent active touches have a Count of 0.
An example of the Touch report packets for 3 active touches is shown in Figure 9-14.
FIGURE 9-14:
EXAMPLE TOUCH REPORT PACKETS FOR 3 ACTIVE TOUCHES
Each input report consists of a HID-I2C report ID followed by 17 bytes that describe the status of one active touch. The
input report format depends on the geometry calculation control (TCHGEOMEN) of the Digitizer HID Configuration T43
object. Table 9-3 and Table 9-4 on page 47 give the detailed format of a touch report packet.
Touch Status Data
(14 Bytes)
Scan Time
Data 0
Data 13
Count
ST LSByte
ST MSByte
...
Rpt ID
Packet
Count
TABLE 9-3:
TOUCH REPORT FORMAT WHEN TCHGEOMEN = 1
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0HID-I2C Touch Report ID
1
Reserved
Status
2
Touch ID
3
Touch X Position LSByte (first touch)
4
Reserved
Touch X Position MSBits (first touch)
5
Touch Center X Position LSByte (first touch)
6
Reserved
Touch Center X Position MSBits (first touch)
7
Touch Y Position LSByte (first touch)
8
Reserved
Touch Y Position MSBits (first touch)
9
Touch Center Y Position LSByte (first touch)
10
Reserved
Touch Center Y Position MSBits (first touch)
Packet
Count
Touch Status Data
Touch 3
Touch 2
Touch 1
Scan Time
Data 0
Data 13
Count = 0
ST LSByte
ST MSByte
...
Rpt ID
Data 0
Data 13
Count = 0
ST LSByte
ST MSByte
...
Rpt ID
Data 0
Data 13
Count = 3
ST LSByte
ST MSByte
...
Rpt ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com