Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ABESSQTP Datasheet(PDF) 40 Page - Microchip Technology

Part # MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Datasheet(HTML) 40 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 36Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 37Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 38Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 39Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 40Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 41Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 42Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 43Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 40
 2018 Microchip Technology Inc.
9.0
HID-I2C COMMUNICATIONS
The device is an HID-I2C device presenting two Top-level Collections (TLCs):
• Generic HID-I2C – Provides a generic HID-I2C interface that allows the host to communicate with the device using
the object-based protocol (OBP).
• Digitizer HID-I2C – Supplies touch information to the host. This interface is supported by Microsoft Windows
without the need for additional software.
See Section 7.0 “Host Communications” for information on selecting HID-I2C mode.
Other features are identical to standard I2C communication described in Section 8.0 “I2C Communications”.
Refer to the Microsoft HID-I2C documentation, HID Over I2C Protocol Specification – Device Side, for information on
the HID-I2C specification.
9.1
I2C Addresses
See Section 8.1 “I2C Addresses”.
9.2
Device Specification
The device is compliant with HID-I2C specification V1.0. It has the specification shown in Table 9-1.
9.3
HID Descriptor
The host should read the HID descriptor on initialization to ascertain the key attribute of the HID device. These include
the report description and the report ID to be used for communication with the HID device. The HID descriptor address
is 0x0000.
Note that the host driver must not make any assumptions about the report packet formats, data locations or report IDs.
These must be read from the HID descriptor as they may change in future versions of the firmware.
For more information on how to read the HID descriptor, refer to the Microsoft HID-I2C documentation.
9.4
HID-I2C Report IDs
Table 9-2 describes the HID-I2C report IDs used in reports sent to the host.
TABLE 9-1:
DEVICE SPECIFICATION
Parameter
Value
Vendor ID
0x03EB (Microchip)
Product ID
0x215D (mXT1664T3)
Version ID
16-bit Version & Build Identifier in the form 0xVVBB, where:
VV = Version Major (Upper 4 bits) / Minor (Lower 4 bits)
BB = Build number in BCD format
HID Descriptor Address
0x0000
NOTE
The term HID-I2C report ID should not be confused with the term report Id as used in the Object Protocol;
the two are entirely different concepts. Refer to the mXT1664T3 2.0 Protocol Guide for more information
on the use of Object Protocol report IDs.
TABLE 9-2:
HID-I2C REPORT IDS
Report ID
Description
Top-level Collection
0x06
Object Protocol (OBP) command and response
(see Section 9.5 “Generic HID-I2C TLC”)
Generic HID-I2C
0x01
Touch report
(see Section 9.6.1 “Touch Report”)
Digitizer HID-I2C
0x02
Maximum Touches (Surface Contacts) report
(see Section 9.6.3 “Maximum Touches Report”)
Digitizer HID-I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com