Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4943C Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 26Page - Infineon Technologies AG TLE4943C Datasheet HTML 27Page - Infineon Technologies AG TLE4943C Datasheet HTML 28Page - Infineon Technologies AG TLE4943C Datasheet HTML 29Page - Infineon Technologies AG TLE4943C Datasheet HTML 30Page - Infineon Technologies AG TLE4943C Datasheet HTML 31Page - Infineon Technologies AG TLE4943C Datasheet HTML 32Page - Infineon Technologies AG TLE4943C Datasheet HTML 33Page - Infineon Technologies AG TLE4943C Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
TLE4943C
Data Sheet
30
V 1.2, July 2018
3.2
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Maximum
ratings are absolute ratings; exceeding only one of these values may cause irreversible damage to the
integrated circuit.
TJ=-40°C to 150°C, 4.5V
VDD 20V if not indicated otherwise
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
DD
-0.3
-
V
T
J<80°C
16.5
T
J=170°C
20
T
J=150°C
22
t=10x5min
24
t=2min; TJ=-40°C..60°C
24
t=10x5min, RM50Ω
26
t=400ms, R
M50Ω included
in VDD
Junction temperature 1)
1) This lifetime statement is an anticipation based on an extrapolation of Infineon's qualification test results. The actual lifetime
of a component depends on its form of application and type of use etc. and may deviate from such statement. The lifetime
statement shall in no event extend the agreed warranty period.
T
J; Either
-40
110
°C
12500h
OR
125
10000h
OR
150
5000h
OR
160
2500h
OR
170
500h
Additional
190
4h, VDD<16.5V
Reverse polarity voltage
-16
V
R
M=50Ω included in V
DD
t<1h
Reverse polarity current
200
mA
external current limitation
required, t<4h
300
mA
external current limitation
required, t<1h
200
mA
external current limitation
required, t<10h, T=25°C
Thermal resistance of package
R
thJA
190
K/W2)
2) Can be significantly improved by further processing like overmolding
Number of power on cycles
500.000
cycles
Immunity to external fields
2
T
equivalent to 1600kA/m3);
T
J=-40..175°C
3) Conversion: B=
μ*H ( μ=4*π*10-7)
Passive lifetime1)
15
a
T
J
50°C, U=0V
Processability
2
a
after Datecode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com