Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4943C Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 10Page - Infineon Technologies AG TLE4943C Datasheet HTML 11Page - Infineon Technologies AG TLE4943C Datasheet HTML 12Page - Infineon Technologies AG TLE4943C Datasheet HTML 13Page - Infineon Technologies AG TLE4943C Datasheet HTML 14Page - Infineon Technologies AG TLE4943C Datasheet HTML 15Page - Infineon Technologies AG TLE4943C Datasheet HTML 16Page - Infineon Technologies AG TLE4943C Datasheet HTML 17Page - Infineon Technologies AG TLE4943C Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
TLE4943C
Data Sheet
14
V 1.2, July 2018
2.7.2
Manchester Encoding
The data protocol is Manchester-coded. This means the value of a bit is coded in a rising- or a falling of the signal
between the middle-current value (Imid) and low-current (Ilow) in a certain time window. A transition from low to
middle corresponds to "1", a transition from middle to low corresponds to "0". Falling and rising edge of sensor
output current starts in the middle of data protocol (=tp/2), see bottom of example in Figure 9.
Figure 9
Manchester Encoding
tp
tp
tp
tp
tp
tp
tp
tp
tp
tp/2
3*tp/2
tp
bit 0
bit5
bit4
bit3
bit2
bit1
bit7
bit6
Parity
Zero Crossing
Speed pulse
Data protocol
Sensor output current
Is
tp
tp/2
zero crossing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com