Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4943C Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 29Page - Infineon Technologies AG TLE4943C Datasheet HTML 30Page - Infineon Technologies AG TLE4943C Datasheet HTML 31Page - Infineon Technologies AG TLE4943C Datasheet HTML 32Page - Infineon Technologies AG TLE4943C Datasheet HTML 33Page - Infineon Technologies AG TLE4943C Datasheet HTML 34Page - Infineon Technologies AG TLE4943C Datasheet HTML 35Page - Infineon Technologies AG TLE4943C Datasheet HTML 36Page - Infineon Technologies AG TLE4943C Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
TLE4943C
Data Sheet
33
V 1.2, July 2018
3.4
Electrical Characteristics
All values specified at constant amplitude and offset of input signal, over operating range, unless otherwise
specified. Typical values correspond to VDD=12V and TA=25°C
Table 6
Electrical Characteristics1)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current low
Ilow
5.9
7
8.4
mA
Supply current mid
Imid
11.8
14
16.8
mA
Supply current high
Ihigh
23.6
28
33.6
mA
Supply current ratio middle/low
Imid/Ilow
1.8
2.0
2.6
Supply current ratio high/low
Ihigh/Ilow
3.6
4
5.0
Supply current @ VDD >= Vres_min
1mA
8)
Line regulation
dIx/dVDD
90
uA/V
8)
Number of pulses suppressed
0
8)after power on and
internal reset
Magnetic edges required for first
output pulse
1edge
8)
Number of pulses required for
initial offset calibration
nstart
4
edges 5th “pulse” is offset
corrected2)8)
Number of pulses required for
initial LM measurement
34
pulses 8)
Number of pulses required for
initial valid direction detection3)
nDR-start
4pulses 4th pulse has valid
direction information,
dBdir>=2*dBdirmin
4)8)
7pulses 7th pulse has valid
direction info
2*dBdirmin>dBdir>=dBdirmin
4)8)
Valid direction after change of
direction5)
3pulses 3rd pulse has valid
direction information,
dBdir>=2*dBdirmin
4)8)
6pulses 6th pulse has valid
direction info
2*dBdirmin>dBdir>1.8*dBdirmin
4)8)
7pulses 7th pulse has valid
direction info
1.8*dBdirmin>dBdir>dBdirmin
4)8)
Frequency limit for direction
information availability
fdir-limit
27006)8)
Hz
due to bit stump
suppression
Power up time
1
ms
time for stable current8)
Initial calibration delay time
td,input
220
300
us
additive to power up time8)
Duty cycle in calibrated mode
DCcal
40
50
60
%
dB >=2mT sine wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com