Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4943C Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 32Page - Infineon Technologies AG TLE4943C Datasheet HTML 33Page - Infineon Technologies AG TLE4943C Datasheet HTML 34Page - Infineon Technologies AG TLE4943C Datasheet HTML 35Page - Infineon Technologies AG TLE4943C Datasheet HTML 36Page - Infineon Technologies AG TLE4943C Datasheet HTML 37Page - Infineon Technologies AG TLE4943C Datasheet HTML 38Page - Infineon Technologies AG TLE4943C Datasheet HTML 39Page - Infineon Technologies AG TLE4943C Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
TLE4943C
Data Sheet
36
V 1.2, July 2018
3.5
Magnetic Characteristics
Note: All magnetic values are calculated out of measured sensitivity of each single Hall element.
Table 7
Magnetic characteristic (amplitude values)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Limit threshold1) 2)
1) value tested at 0h
2) valid and characterized for f >1Hz
dB
limit
0.3
0.8
1.34
mT
99% criteria (1 of 96)3)
3) 50% criterion has typ. value of 0.7mT .
Limit threshold drift
dB
limit:Drift
-5
+3
%
additional drift over lifetime
at 25°C for one and the
same sensor
Limit range Bit1)
dB
LR
1.02
1.6
2.18
mT
+/-36%, 99% criteria
1.28
1.6
1.92
mT
TJ=10..40°C, 99% criteria
Limit range bit drift
dB
LR_Drift
-5
+3
%
additional drift over lifetime
at 25°C for one and the
same sensor
Ratio
dB
LR / dBlimit
1.7
2.0
2.5
Minimum signal for direction
detection
dB
dirmin
0.4
0.8
1.441)
mT
valid for GDR=0;
dB_dir=center-(left+right)/2
; cal mode, 99% criteria
Validity of signal amplitude
measurement
SLM
“0” = valid, invalid after
under-voltage and initial
value after power up
Signal amplitude (Level in relation
to LR)
LM=0
<0.8
<=1
<=1.2
99% criteria, according to
AK
LM=1
>0.8
>1
>1.2
LM=2
>1.48
>1.75
>2.1
LM=3
>2.5
>2.95
>3.6
LM=4
>4.2
>4.95
>6.0
LM=5
>7.0
>8.25
>9.9
LM=6
>12.0
>14.2
>17.1
LM=7
>21.0
>24.7
>29.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com