Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4943C Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 27Page - Infineon Technologies AG TLE4943C Datasheet HTML 28Page - Infineon Technologies AG TLE4943C Datasheet HTML 29Page - Infineon Technologies AG TLE4943C Datasheet HTML 30Page - Infineon Technologies AG TLE4943C Datasheet HTML 31Page - Infineon Technologies AG TLE4943C Datasheet HTML 32Page - Infineon Technologies AG TLE4943C Datasheet HTML 33Page - Infineon Technologies AG TLE4943C Datasheet HTML 34Page - Infineon Technologies AG TLE4943C Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
TLE4943C
Data Sheet
31
V 1.2, July 2018
3.2.1
ESD Robustness
or >8000V for TLE4943C (H3B according AEC Q100)
Note: Tested at room temperature
Table 4
ESD Protection
Characterized according to Human Body Model (HBM) tests in compliance with Standard
EIA/JESD22-A114-B HBM (covers MIL STD 883D)
Parameter
Symbol
Test Result
Unit
Notes
ESD-Protection
VESD
± 12
kV
R = 1.5 k
Ω,
C = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com