Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4943C Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 28Page - Infineon Technologies AG TLE4943C Datasheet HTML 29Page - Infineon Technologies AG TLE4943C Datasheet HTML 30Page - Infineon Technologies AG TLE4943C Datasheet HTML 31Page - Infineon Technologies AG TLE4943C Datasheet HTML 32Page - Infineon Technologies AG TLE4943C Datasheet HTML 33Page - Infineon Technologies AG TLE4943C Datasheet HTML 34Page - Infineon Technologies AG TLE4943C Datasheet HTML 35Page - Infineon Technologies AG TLE4943C Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
TLE4943C
Data Sheet
32
V 1.2, July 2018
3.3
Operating Range
All parameters specified in the following sections refer to these operating conditions unless otherwise noticed.
Table 5
Operating Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
DD
6.5
–
20
V
Directly on IC leads; does
not include voltage drop at
RM
VDD Hysteresis
Vres
4.0V
4.2
4.5
V
AK: reset voltage
Vhys
1.6
1.8
2.3
Vrel
5.8
6.5
AK: return voltage
Supply voltage modulation
V
AC
6
V
pp
V
DD=13V;
0<f
mod<150kHz
1)
1) sine wave
Junction temperature
Tj
Either
-40
110
°C
12500h2)
2) This lifetime statement is an anticipation based on an extrapolation of Infineon's qualification test results. The actual
lifetime of a component depends on its form of ap plication and type of use etc. and may deviate from such statement. The
lifetime statement shall in no event extend the agreed warranty period.
OR
125
10000h2)
OR
150
5000h
OR
160
2500h
OR
170
500h
Pre induction
B
o
-500
500
mT
Temperature change per
magnetic period for valid DR
dTj_Dir
-7.5
7.5
K
3) valid for dB
dir > 1.9mT
3) The permissible change of the temperature is, e.g. 7.5K per one magnetic periode. For example a magnetic signal of 10Hz
(Tmag = 0.1s) results in a max change of temperature = 7.5K / 0.1s = 75K / s. A wrong direction info may occure if dTj_Dir
is exceeded.
Temperature change at standsill
dTj_Speed
-150
50
K
4)valid for dB > 3mT
4) More than 2 speed protocols might be lost if the temperature change during standstill is exceeded at re-drive.
Pre induction offset between
outer probes
B
stat l/r
-30
30
mT
Differential induction
dB
-120
120
mT
Pre-induction offset between
mean of outer probes and center
probe
B
stat m/o
-30
30
mT
Signal frequency
f
050005)
5) 5000Hz electric signal frequency are equal to 2500Hz magnetic signal frequency (one sin period has two increments).
Hz
Minimum magn. frequency for
direction detection
f
dir_min
0.54
0.66
0.83
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com