Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6XXX Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32WLE5C8U6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6XXX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32WLE5C8U6XXX Datasheet HTML 93Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 94Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 95Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 96Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 97Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 98Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 99Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 100Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 145 page
background image
DS13105 Rev 8
97/145
STM32WLE5/E4xx
Electrical characteristics
133
the resonator and the load capacitors have to be placed as close as possible to the
oscillator pins to minimize output distortion and startup stabilization time.
Refer to the crystal resonator manufacturer for more details on the resonator characteristics
(frequency, package, accuracy).
For more information on the crystal selection, refer to application note Oscillator design
guide for STM8AF/AL/S, STM32 MCUs and MPUs (AN2867).
Figure 16. Typical application with a 32.768 kHz crystal
Note:
No external resistors are required between OSC32_IN and OSC32_OUT, and it is forbidden
to add one.
In bypass mode, the LSE oscillator is switched off and the input pin is a standard GPIO.
Table 59. Low-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD(LSE)
LSE current
consumption
LSEDRV[1:0] = 00 - Low drive capability
-
250
-
nA
LSEDRV[1:0] = 01 - Medium-low drive capability
-
315
-
LSEDRV[1:0] = 10 - Medium-high drive capability
-
500
-
LSEDRV[1:0] = 11 - High drive capability
-
630
-
Gmcritmax
Maximum
critical crystal
gm
LSEDRV[1:0] = 00 - Low drive capability
-
-
0.50
µA/V
LSEDRV[1:0] = 01 - Medium-low drive capability
-
-
0.75
LSEDRV[1:0] = 10 - Medium-high drive capability
-
-
1.70
LSEDRV[1:0] = 11 - High drive capability
-
-
2.70
tSU(LSE)(2) Startup time
VDD stabilized
-
2
-
s
1. Guaranteed by design.
2. tSU(LSE) is the startup time measured from the moment it is enabled (by software) until a stable 32.768 kHz oscillation is
reached. This value is measured for a standard crystal and it can vary significantly with the crystal manufacturer.
MS30253V2
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz
resonator
Resonator with integrated
capacitors
CL1
CL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com