Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6XXX Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32WLE5C8U6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6XXX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32WLE5C8U6XXX Datasheet HTML 15Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 16Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 17Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 18Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 19Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 20Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 21Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 22Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 145 page
background image
DS13105 Rev 8
19/145
STM32WLE5/E4xx
Functional overview
48
3.8.2
General description
The sub-GHz radio provides an internal processing unit to handle communication with the
system CPU. Communication is handled by commands sent over the SPI interface, and a
set of interrupts is used to signal events. BUSY information signals operation activity and is
used to indicate when the sub-GHz radio commands cannot be received.
The block diagram of the sub-GHz radio system is shown in the figure below.
Figure 2. sub-GHz radio system block diagram
3.8.3
Transmitter
The transmit chain comprises the modulated output from the modem, that directly
modulates the RF-PLL. An optional pre-filtering of the bit stream can be enabled to reduce
the power in the adjacent channel also dependent on the selected modulation scheme. The
modulated signal from the RF-PLL directly drives the high output power PA (HP PA) or low
output power PA (LP PA).
Transmitter high output power
Transmit high output power up to + 22 dBm, is supported through the RFO_HP RF pin.
MSv62615V1
Note: LoRa modem is only available on STM32WLE5xx devices.
Sub-GHz radio
Sub-GHz
RF frontend
Radio
control
SUBGHZSPI
hse32
Interrups
RFO_LP
RFO_HP
RFI_P
RFI_N
FSK
modem
LoRa
modem
(note)
Data
and
control
HSE32
OSC_IN
OSC_OUT
BUSY
HSERDY
HSEON
HSEBYPPWR
VR_PA
VDDPA
PB0_VDDTCXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com