Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6XXX Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32WLE5C8U6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6XXX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32WLE5C8U6XXX Datasheet HTML 19Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 20Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 21Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 22Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 23Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 24Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 25Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 26Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 145 page
background image
DS13105 Rev 8
23/145
STM32WLE5/E4xx
Functional overview
48
3.9
Power supply management
The devices embed two different regulators: one LDO and one DC/DC (SMPS). The SMPS
can be optionally switched-on by software to improve the power efficiency. As LDO and
SMPS operate in parallel, the SMPS switch-on is transparent to the user and only the power
efficiency is affected.
3.9.1
Power supply schemes
The devices require a VDD operating voltage supply between 1.8 V and 3.6 V. Several
independent supplies (VDDSMPS, VFBSMPS, VDDA, VDDRF) can be provided for specific
peripherals:
•
VDD = 1.8 V to 3.6 V
VDD is the external power supply for the I/Os, the system analog blocks such as reset,
power management, internal clocks and low-power regulator. It is provided externally
through VDD pins.
•
VDDSMPS = 1.8 V to 3.6 V
VDDSMPS is the external power supply for the SMPS step-down converter. It is provided
externally through VDDSMPS supply pin and must be connected to the same supply as
VDD.
•
VFBSMPS = 1.45 V to 1.62 V (1.55 V typical)
VFBSMPS is the external power supply for the main system regulator. It is provided
externally through VFBSMPS pin and is supplied through the SMPS step-down
converter.
•
VDDA = 0 V to 3.6 V (DAC minimum voltage is 1.71 V without buffer and 1.8 V with
buffer. COMP and ADC minimum voltage is 1.62 V. VREFBUF minimum voltage is
2.4 V)
VDDA is the external analog power supply for A/D converters, D/A converters, voltage
reference buffer, and comparators. The VDDA voltage level is independent from the VDD
voltage (see power-up and power-down limitations below) and must preferably be
connected to VDD when these peripherals are not used.
•
VDDRF = 1.8 V to 3.6 V
VDDRF is an external power supply for the radio. It is provided externally through the
VDDRF pin and must be connected to the same supply as VDD.
•
VDDRF1V5 = 1.45 V to 1.62 V
VDDRF1V5 is an external power supply for the radio. It is provided externally through the
VDDRF1V5 pin and must be connected externally to VFBSMPS.
•
VBAT = 1.55 V to 3.6 V
VBAT is the power supply for RTC, TAMP, external clock 32 kHz oscillator and backup
registers (through power switch) when VDD is not present.
LORA_BW_15
15.63
250
LORA_BW_10
10.42
167
LORA_BW_7
7.81
250
Table 6. LoRa mode intermediate frequencies (continued)
Setting name
Bandwidth (kHz)
fif (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com