Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6XXX Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32WLE5C8U6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6XXX Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32WLE5C8U6XXX Datasheet HTML 32Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 33Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 34Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 35Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 36Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 37Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 38Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 39Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 145 page
background image
Functional overview
STM32WLE5/E4xx
36/145
DS13105 Rev 8
•
The I2Cs clocks are derived (selected by software) from one of the following sources:
–
system clock (SYSCLK) (only available in Run mode)
–
HSI16 clock (available in Run and Stop modes)
–
APB clock (PCLK depending on which APB the I2C is mapped) (available in CRun
and CSleep when also enabled in I2CxSMEN.)
The wakeup from Stop mode is supported only when the clock is HSI16.
•
The SPI2S2 I2S clock is derived (selected by software) from one of the following
sources:
–
HSI16 clock (only available in Run mode)
–
PLL VCO (PLLQCLK) (only available in Run mode)
–
external input I2S_CK (available in Run and Stop modes)
•
The low-power timers (LPTIMx) clock is derived (selected by software) from one of the
following sources:
–
LSI clock (available in Run and Stop modes)
–
LSE clock (available in Run and Stop modes)
–
HSI16 clock (only available in Run mode)
–
APB clock (PCLK depending on which APB the LPTIMx is mapped) (available in
Run and CStop when enabled in LPTIMxSMEN.)
–
external clock mapped on LPTIMx_IN1 (available in Run and Stop modes)
The functionality in Stop mode (including wakeup) is supported only when the clock is
LSI or LSE, or in external clock mode.
•
The RTC clock is derived (selected by software) from one of the following sources:
–
LSE clock
–
LSI clock
–
HSE32 clock divided by 32
The functionality in Stop mode (including wakeup) is supported only when the clock is
LSI or LSE.
•
The IWDG clock is always the LSI clock.
The RCC feeds the CPU system timer (SysTick) external clock with the AHB clock (HCLK1)
divided by eight. The SysTick can work either with this clock or directly with the CPU clock
(HCLK1), configurable in the SysTick control and status register.
FCLK1 acts as CPU free-running clock. For more details, refer to the programming manual
STM32 Cortex-M4 MCUs and MPUs programming manual (PM0214).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com