Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6XXX Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32WLE5C8U6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6XXX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32WLE5C8U6XXX Datasheet HTML 23Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 24Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 25Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 26Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 27Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 28Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 29Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 30Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 145 page
background image
DS13105 Rev 8
27/145
STM32WLE5/E4xx
Functional overview
48
Five BOR thresholds can be selected through option bytes.
During power-on, BOR keeps the device under reset until the supply voltage VDD reaches
the specified VBORx threshold:
•
When VDD drops below the selected threshold, a device reset is generated.
•
When VDD is above the VBORx upper limit, the device reset is released and the system
can start.
The devices feature an embedded PVD (programmable voltage detector) that monitors the
VDD power supply and compares it with the VPVD threshold. An interrupt can be generated
when VDD drops below the VPVD threshold and/or when VDD is higher than the VPVD
threshold. The interrupt service routine can then generate a warning message and/or put
the MCU into a safe state.
The PVD is enabled by software and can be configured to monitor the VDD supply level
needed for the sub-GHz radio operation. For this, the PVD must select its lowest threshold,
and the PVD and the wakeup must be enabled by the EWPVD bit in PWR_CR3 register.
Only a voltage drop below the PVD level generates a wakeup event.
In addition, the devices embed a PVM (peripheral voltage monitor) that compares the
independent supply voltage VDDA with a fixed threshold to ensure that the peripheral is in its
functional supply range.
Finally, a radio end-of-life monitor provides information on the VDD supply when VDD is too
low to operate the sub-GHz radio. When reaching the EOL level, the software must stop all
radio activity in a safe way.
3.9.3
Linear voltage regulator
Two embedded linear voltage regulators supply all the digital circuitries, except for the
Standby circuitry and the Backup domain. The main regulator (MR) output voltage (VCORE)
can be programmed by software to two different power ranges (range 1 and range 2), to
optimize the consumption depending on the system maximum operating frequency.
The voltage regulators are always enabled after a reset. Depending on the application
modes, the VCORE supply is provided either by the main regulator or by the low-power
regulator (LPR).
When MR is used, a dynamic voltage scaling is proposed to optimize power as follows:
•
range 1: high-performance range
The system clock frequency can be up to 48 MHz. The Flash memory access time for
read access is minimum. Write and erase operations are possible.
•
range 2: low-power range
The system clock frequency can be up to 16 MHz.The Flash memory access time for a
read access is increased as compared to range 1. Write and erase operations are
possible.
Note:
MR is supplied by VDD during power-on or at wakeup from Stop1, Stop2, Standby or
Shutdown mode. MR is powered by LDO/SMPS after these transition phases.
3.9.4
VBAT operation
The VBAT pin is used to power the device VBAT domain (RTC, LSE and backup registers)
from an external battery, an external super-capacitor, or from VDD when no external battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com