Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6XXX Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32WLE5C8U6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6XXX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32WLE5C8U6XXX Datasheet HTML 34Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 35Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 36Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 37Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 38Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 39Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 40Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 41Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 145 page
background image
Functional overview
STM32WLE5/E4xx
38/145
DS13105 Rev 8
3.14
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions. Fast I/O toggling can be
achieved thanks to their mapping on the AHB2 bus.
The I/Os alternate function configuration can be locked if needed following a specific
sequence in order to avoid spurious writing to the I/Os registers.
3.15
Direct memory access controller (DMA)
The DMA (direct memory access) is used to provide high-speed data transfer between
peripherals and memory, as well as memory to memory. Data can be quickly moved by
DMA without any CPU actions. This keeps CPU resources free for other operations.
The DMA controller has 14 channels in total. A full cross matrix allows the peripherals, with
DMA support, to be mapped on any of the available DMA channels. Each DMA channel has
an arbiter for handling the priority between DMA requests.
The DMA main features are listed below:
•
14 independently configurable channels (requests)
•
a full cross matrix between peripherals and all 14 channels and an hardware trigger
possibility through the DMAMUX1
•
software programmable priorities between requests from channels of one DMA (four
levels: very-high, high, medium, low), plus hardware priorities management in case of
equality (example: request 1 has priority over request 2)
•
independent source and destination transfer size (byte, half-word, word), emulating
packing and unpacking. Source/destination addresses must be aligned on the data
size.
•
support for circular buffer management
•
three event flags (DMA half-transfer, DMA transfer complete and DMA transfer error),
logically ORed together in a single interrupt request for each channel
•
memory-to-memory transfer
•
peripheral-to-memory, memory-to-peripheral, and peripheral-to-peripheral transfers
•
access to Flash memory, SRAM, APB and AHB peripherals, as source and destination
•
programmable number of data to be transferred (up to 65536)
DMAMUX1 is used to route the peripherals with DMA source support, to any DMA channel.
Table 11. DMA1 and DMA2 implementation
Feature
DMA1
DMA2
Number of channels
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com