Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8U6XXX Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32WLE5C8U6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6XXX Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32WLE5C8U6XXX Datasheet HTML 39Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 40Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 41Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 42Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 43Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 44Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 45Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 46Page - STMicroelectronics STM32WLE5C8U6XXX Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 145 page
background image
DS13105 Rev 8
43/145
STM32WLE5/E4xx
Functional overview
48
3.25.1
Advanced-control timer (TIM1)
The advanced-control timer TIM1 can be seen as a three-phase PWM multiplexed on six
channels. Each channel has complementary PWM outputs with programmable inserted
dead-times. Each channel can also be seen as complete general-purpose timers.
The four independent channels can be used for:
•
input capture
•
output compare
•
PWM generation (edge or center-aligned modes) with full modulation capability
(0 - 100 %)
•
one-pulse mode output
In debug mode, the TIM1 counter can be frozen and the PWM outputs disabled to turn off
any power switches driven by these outputs.
Many features are shared with those of the general-purpose timers (described in the next
section) using the same architecture. TIM1 can then work together with TIM2 via the
peripheral interconnect matrix, for synchronization or event chaining.
3.25.2
General-purpose timers (TIM2, TIM16, TIM17)
Each general-purpose timer can be used to generate PWM outputs, or act as a simple time
base.
TIM2 main features:
•
full-featured general-purpose timer
•
four independent channels for input capture/output compare, PWM or one-pulse mode
output
•
counter that can be frozen in debug mode
•
independent DMA request generation, support of quadrature encoders
Table 14. Timer features
Timer type
Timer
name
Counter
resolution
(bits)
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1
16
Up, down
and
up/down
Any integer
between
1 and 65536
Yes
4
3
General
purpose
TIM2
32
NA
TIM16
16
Up
2
1
TIM17
Low power
LPTIM1
LPTIM2
LPTIM3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com