Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3018BA2D Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 25Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 26Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 27Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 28Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 29Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 30Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 31Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 32Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
29
September 8, 2020
3.5.3 I2C
I2C Mode will be selected if the very first interface activity (after IC power-up) is an I2C command. In I2C Mode, each command is started as
shown in Figure 3.10. Only the number of bytes that is needed for the command must be sent. An exception is the I2C High Speed Mode
(controlled by the Slave_Addr bit field in register 02HEX in Table 3.5) where 3 bytes must always be sent as in SPI Mode. After the execution of
a command (busy = 0), the expected data can be read as illustrated in Figure 3.12 or if no data are returned by the command, the next command
can be sent. The status can be read at any time as illustrated in Figure 3.11.
Figure 3.10
I2C Command Request
S
SlaveAddr
A
0
Command
A P
S
SlaveAddr
0 A
Command
A
CmdDat
<15:8>
A
CmdDat
<7:0>
A P
Command Request (I2C Write)
write
write
from master to slave
from slave to master
S
START condition
P
STOP condition
A
N
acknowledge
not acknowledge
Figure 3.11
I2C Read Status
S
SlaveAddr
1 A
Status
N P
Read Status (I2C Read)
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com